Electronic Components Datasheet Search
  English  ▼

X  

LPC2194 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # LPC2194
Description  Single-chip 16/32-bit microcontroller; 256 kB ISP/IAP flash with 10-bit ADC and CAN
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2194 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button LPC2194 Datasheet HTML 24Page - NXP Semiconductors LPC2194 Datasheet HTML 25Page - NXP Semiconductors LPC2194 Datasheet HTML 26Page - NXP Semiconductors LPC2194 Datasheet HTML 27Page - NXP Semiconductors LPC2194 Datasheet HTML 28Page - NXP Semiconductors LPC2194 Datasheet HTML 29Page - NXP Semiconductors LPC2194 Datasheet HTML 30Page - NXP Semiconductors LPC2194 Datasheet HTML 31Page - NXP Semiconductors LPC2194 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
LPC2194_5
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 05 — 10 December 2007
28 of 40
NXP Semiconductors
LPC2194
Single-chip 16/32-bit microcontroller
[1]
Conditions: VSSA =0V, VDDA = 3.3 V.
[2]
The ADC is monotonic, there are no missing codes.
[3]
The differential linearity error (ED) is the difference between the actual step width and the ideal step width. See Figure 4.
[4]
The integral non-linearity (EL(adj)) is the peak difference between the center of the steps of the actual and the ideal transfer curve after
appropriate adjustment of gain and offset errors. See Figure 4.
[5]
The offset error (EO) is the absolute difference between the straight line which fits the actual curve and the straight line which fits the
ideal curve. See Figure 4.
[6]
The gain error (EG) is the relative difference in percent between the straight line fitting the actual transfer curve after removing offset
error, and the straight line which fits the ideal transfer curve. See Figure 4.
[7]
The absolute voltage error (ET) is the maximum difference between the center of the steps of the actual transfer curve of the
non-calibrated ADC and the ideal transfer curve. See Figure 4.
Table 6.
ADC static characteristics
VDDA = 2.5 V to 3.6 V; Tamb = −40 °C to +125 °C unless otherwise specified; ADC frequency 4.5 MHz.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIA
analog input voltage
0
-
VDDA
V
Cia
analog input
capacitance
--1
pF
ED
differential linearity
error
[1][2][3] --
±1
LSB
EL(adj)
integral non-linearity
[1][4] --
±2
LSB
EO
offset error
[1][5] --
±3
LSB
EG
gain error
[1][6] --
±0.5
%
ET
absolute error
[1][7] --
±4
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com