Electronic Components Datasheet Search
  English  ▼

X  

LPC2212 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # LPC2212
Description  16/32-bit ARM microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC and external memory interface
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2212 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button LPC2212 Datasheet HTML 13Page - NXP Semiconductors LPC2212 Datasheet HTML 14Page - NXP Semiconductors LPC2212 Datasheet HTML 15Page - NXP Semiconductors LPC2212 Datasheet HTML 16Page - NXP Semiconductors LPC2212 Datasheet HTML 17Page - NXP Semiconductors LPC2212 Datasheet HTML 18Page - NXP Semiconductors LPC2212 Datasheet HTML 19Page - NXP Semiconductors LPC2212 Datasheet HTML 20Page - NXP Semiconductors LPC2212 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 45 page
background image
LPC2212_2214_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 3 January 2008
17 of 45
NXP Semiconductors
LPC2212/2214
16/32-bit ARM microcontrollers
6.9 10-bit ADC
The LPC2212/2214 each contain a single 10-bit successive approximation ADC with four
multiplexed channels.
6.9.1 Features
• Measurement range of 0 V to 3 V.
• Capable of performing more than 400000 10-bit samples per second.
• Burst conversion mode for single or multiple inputs.
• Optional conversion on transition on input pin or Timer Match signal.
6.9.2 ADC features available in LPC2212/2214/01 only
• Every analog input has a dedicated result register to reduce interrupt overhead.
• Every analog input can generate an interrupt once the conversion is completed.
• The ADC pads are 5 V tolerant when configured for digital I/O function(s).
6.10 UARTs
The LPC2212/2214 each contain two UARTs. In addition to standard transmit and receive
data lines, the UART1 also provides a full modem control handshake interface.
6.10.1 Features
• 16 B Receive and Transmit FIFOs.
• Register locations conform to 16C550 industry standard.
• Receiver FIFO trigger points at 1 B, 4 B, 8 B, and 14 B.
• Built-in fractional baud rate generator covering wide range of baud rates without a
need for external crystals of particular values.
• Transmission FIFO control enables implementation of software (XON/XOFF) flow
control on both UARTs.
• UART1 is equipped with standard modem interface signals. This module also
provides full support for hardware flow control (auto-CTS/RTS).
6.10.2 UART features available in LPC2212/2214/01 only
Compared to previous LPC2000 microcontrollers, UARTs in LPC2212/2214/01 introduce
a fractional baud rate generator for both UARTs, enabling these microcontrollers to
achieve standard baud rates such as 115200 Bd with any crystal frequency above 2 MHz.
In addition, auto-CTS/RTS flow-control functions are fully implemented in hardware.
• Fractional baud rate generator enables standard baud rates such as 115200 Bd to be
achieved with any crystal frequency above 2 MHz.
• Auto-bauding.
• Auto-CTS/RTS flow-control fully implemented in hardware.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com