Electronic Components Datasheet Search
  English  ▼

X  

LPC2212 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # LPC2212
Description  16/32-bit ARM microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC and external memory interface
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2212 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button LPC2212 Datasheet HTML 12Page - NXP Semiconductors LPC2212 Datasheet HTML 13Page - NXP Semiconductors LPC2212 Datasheet HTML 14Page - NXP Semiconductors LPC2212 Datasheet HTML 15Page - NXP Semiconductors LPC2212 Datasheet HTML 16Page - NXP Semiconductors LPC2212 Datasheet HTML 17Page - NXP Semiconductors LPC2212 Datasheet HTML 18Page - NXP Semiconductors LPC2212 Datasheet HTML 19Page - NXP Semiconductors LPC2212 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 45 page
background image
LPC2212_2214_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 3 January 2008
16 of 45
NXP Semiconductors
LPC2212/2214
16/32-bit ARM microcontrollers
[1]
SSP interface available on LPC2212/01 and LPC2214/01 only.
6.6 Pin connect block
The pin connect block allows selected pins of the microcontroller to have more than one
function. Configuration registers control the multiplexers to allow connection between the
pin and the on chip peripherals. Peripherals should be connected to the appropriate pins
prior to being activated, and prior to any related interrupt(s) being enabled. Activity of any
enabled peripheral function that is not mapped to a related pin should be considered
undefined.
6.7 External memory controller
The external Static Memory Controller (SMC) is a module which provides an interface
between the system bus and external (off-chip) memory devices. It provides support for
up to four independently configurable memory banks (16 MB each with byte lane enable
control) simultaneously. Each memory bank is capable of supporting SRAM, ROM, flash
EPROM, burst ROM memory, or some external I/O devices.
Each memory bank may be 8-bit, 16-bit, or 32-bit wide.
6.8 General purpose parallel I/O (GPIO) and Fast I/O
Device pins that are not connected to a specific peripheral function are controlled by the
parallel I/O registers. Pins may be dynamically configured as inputs or outputs. Separate
registers allow setting or clearing any number of outputs simultaneously. The value of the
output register may be read back, as well as the current state of the port pins.
6.8.1 Features
• Bit-level set and clear registers allow a single instruction set or clear of any number of
bits in one port.
• Direction control of individual bits.
• Separate control of output set and clear.
• All I/O default to inputs after reset.
6.8.2 Features added with the Fast GPIO set of registers available on
LPC2212/2214/01 only
• Fast GPIO registers are relocated to the ARM local bus for the fastest possible I/O
timing, enabling port pin toggling up to 3.5 times faster than earlier LPC2000 devices.
• Mask registers allow treating sets of port bits as a group, leaving other bits
unchanged.
• All Fast GPIO registers are byte addressable.
• Entire port value can be written in one instruction.
• Ports are accessible via either the legacy group of registers (GPIOs) or the group of
registers providing accelerated port access (Fast GPIOs).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com