Electronic Components Datasheet Search
  English  ▼

X  

MIC3201 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC3201
Description  High Brightness LED Driver with High-Side Current Sense
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3201 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC3201 Datasheet HTML 1Page - Micrel Semiconductor MIC3201 Datasheet HTML 2Page - Micrel Semiconductor MIC3201 Datasheet HTML 3Page - Micrel Semiconductor MIC3201 Datasheet HTML 4Page - Micrel Semiconductor MIC3201 Datasheet HTML 5Page - Micrel Semiconductor MIC3201 Datasheet HTML 6Page - Micrel Semiconductor MIC3201 Datasheet HTML 7Page - Micrel Semiconductor MIC3201 Datasheet HTML 8Page - Micrel Semiconductor MIC3201 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Micrel, Inc.
MIC3201
January 2010
5
M9999-011210-B
Supply Current
vs. Temperature
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-40 -20
0
20 40 60 80 100 120
TEMPERATURE (°C)
VIN = 12V
Enable Threshold
vs. Temperature
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
-40 -20
0
20406080 100 120
TEMPERATURE (°C)
ON
OFF
Shutdown Current
vs. Temperature
0
5
10
15
20
25
30
35
-40 -20
0
20 40 60 80 100 120
TEMPERATURE (°C)
VIN = 12V
VCC
vs. Temperature
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
-40 -20
0
20406080 100 120
TEMPERATURE (°C)
VIN = 12V
RDSON
vs. Input Voltage
0
50
100
150
200
250
300
350
400
510
15
20
INPUT VOLTAGE (V)
IOUT = 1A @ 25°C
Thermal Shutdown
vs. Input Voltage
0
20
40
60
80
100
120
140
160
180
510
15
20
INPUT VOLTAGE (V)
ON
OFF
UVLO Threshold
vs. Temperature
0.0
1.0
2.0
3.0
4.0
5.0
6.0
-40 -20
0
20406080 100 120
TEMPERATURE (°C)
ON
OFF
TCASE @ 1.0A
vs. Input Voltage
0
10
20
30
40
50
60
510
15
20
INPUT VOTLAGE (V)
1 LED
Switching Frequency
vs. Temperature
0
100
200
300
400
500
600
700
800
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (°C)
12V Input
RCS = 0.2Ω
L = 22µH
Low-Side MOSFET RDS(ON)
vs. Temperature
0
50
100
150
200
250
300
350
400
450
500
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (°C)
VIN = 12V
Current Sense Voltage
vs. Temperature
0
50
100
150
200
250
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (°C)
VC(Max)
VCS(Min)
VHYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com