Electronic Components Datasheet Search
  English  ▼

X  

MIC3201 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC3201
Description  High Brightness LED Driver with High-Side Current Sense
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3201 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC3201 Datasheet HTML 5Page - Micrel Semiconductor MIC3201 Datasheet HTML 6Page - Micrel Semiconductor MIC3201 Datasheet HTML 7Page - Micrel Semiconductor MIC3201 Datasheet HTML 8Page - Micrel Semiconductor MIC3201 Datasheet HTML 9Page - Micrel Semiconductor MIC3201 Datasheet HTML 10Page - Micrel Semiconductor MIC3201 Datasheet HTML 11Page - Micrel Semiconductor MIC3201 Datasheet HTML 12Page - Micrel Semiconductor MIC3201 Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Micrel, Inc.
MIC3201
January, 2010
9
M9999-010710-B
Application Information
The MIC3201 is a hysteretic step-down constant-current
High-Brightness LED (HB LED) driver. The internal block
diagram is shown in Figure 1. The MIC3201 is
composed of a current sense comparator, voltage and
current reference, 5V regulator, MOSFET driver, and a
MOSFET. Hysteretic mode control, also called bang-
bang control, is the topology that does not employ an
error amplifier, and instead uses an error comparator.
The inductor current is controlled within a hysteretic
window. If the inductor current is too small, the power
MOSFET is turned on; if the inductor current is large
enough, the power MOSFET is turned off. It is a simple
control scheme with no oscillator and no loop
compensation. Since the control scheme does not need
loop compensation, it makes a design easy, and avoids
problems of instability.
Transient response to load and line variation is very fast
and only depends on propagation delay. This makes the
control scheme very popular for certain applications.
LED Current and RCS
The main feature in MIC3201 is to control the LED
current accurately within ± 5% of set current. Choosing a
high-side RCS resistor helps for setting constant LED
current irrespective of wide input voltage range. The
following equation gives the RCS value:
)
(
2
1
)
(
)
(
LED
MIN
CS
MAX
CS
CS
I
V
V
R
+
=
RCS (Ω)
ILED (A)
I
2R (W)
Size (SMD)
2.00
0.1
0.0200
0402
1.00
0.2
0.0400
0402
0.63
0.3
0.0567
0402
0.56
0.35
0.0691
0603
0.50
0.4
0.0800
0603
0.40
0.5
0.1000
0805
0.33
0.6
0.1188
0805
0.28
0.7
0.1372
0805
0.24
0.8
0.1536
0805
0.22
0.9
0.1782
0805
0.20
1.0
0.2000
1206
Table 1. Selecting RCS for LED Current
For VCS(MAX) and VCS(MIN) refer to electrical characteristic
table.
Frequency of Operation
To calculate the frequency spread across input supply:
dt
dI
L
V
L =
L is the inductance, dI is fixed (the value of the hysteresis)
CS
MIN
CS
MAX
CS
R
V
V
dI
)
(
)
(
−
=
VL voltage across inductor L which varies by supply.
For current rising (MOSFET is ON):
RISE
L
r
V
dI
L
t
_
=
where:
VL_RISE = VIN – ILED·RCS - VLED
For current falling (MOSFET is OFF):
FALL
L
f
V
dI
L
t
_
=
where:
VL_FALL = VD + ILED·RCS + VLED
f
r
t
t
T
+
=
,
T
F
SW
1
=
)
V
V
(
dI
L
)
V
R
I
V
(
)
V
R
I
V
(
F
IN
D
LED
CS
LED
IN
LED
CS
LED
D
SW
+
⋅
⋅
−
⋅
−
•
+
⋅
+
=
where
VD is Schottky diode forward drop
VLED is total LEDs voltage drop
VIN is input voltage
ILED is average LED current:
According to the above equation, choose the inductor to make
the operating frequency not beyond 1MHz.
Free Wheeling Diode
The free wheeling diode should have the reverse voltage
rating to accommodate the maximum input voltage. The
forward voltage drop should be small to get the lowest
conduction dissipation for high efficiency. The forward current
rating has to be at least equal to LED current. A Schottky
diode is recommended.
LED Ripple Current
The LED current is the same as inductor current. If LED ripple
current needs to be reduced then place a 10µF capacitor
across LED.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com