Electronic Components Datasheet Search
  English  ▼

X  

MIC3201 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC3201
Description  High Brightness LED Driver with High-Side Current Sense
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3201 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC3201 Datasheet HTML 1Page - Micrel Semiconductor MIC3201 Datasheet HTML 2Page - Micrel Semiconductor MIC3201 Datasheet HTML 3Page - Micrel Semiconductor MIC3201 Datasheet HTML 4Page - Micrel Semiconductor MIC3201 Datasheet HTML 5Page - Micrel Semiconductor MIC3201 Datasheet HTML 6Page - Micrel Semiconductor MIC3201 Datasheet HTML 7Page - Micrel Semiconductor MIC3201 Datasheet HTML 8Page - Micrel Semiconductor MIC3201 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Micrel, Inc.
MIC3201
January 2010
4
M9999-011210-B
Typical Characteristics
2 LED Efficiency
vs. Input Voltage
0
10
20
30
40
50
60
70
80
90
100
5
101520
INPUT VOTLAGE (V)
350mA
1A
Switching Frequency
vs. Input Voltage
0
100
200
300
400
500
600
700
800
510
15
20
INPUT VOLTAGE (V)
RCS = 0.2Ω
L = 22µH
TA = 25°C
1 LED Efficiency
vs. Input Voltage
0
10
20
30
40
50
60
70
80
90
510
15
20
INPUT VOTLAGE (V)
350mA
1A
1 LED Current
vs. Input Voltage
0
200
400
600
800
1000
1200
510
15
20
INPUT VOTLAGE (V)
350mA
1A
2 LED Current
vs. Input Voltage
0
200
400
600
800
1000
1200
510
15
20
INPUT VOTLAGE (V)
350mA
1A
Supply Current
vs. Input Voltage
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
510
15
20
INPUT VOLTAGE (V)
TA = 25°C
Shutdown Current
vs. Input Voltage
0.000
0.005
0.010
0.015
0.020
0.025
0.030
0.035
0.040
0.045
0.050
510
15
20
INPUT VOLTAGE (V)
TA = 25°C
Enable Threshold
vs. Input Voltage
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
510
15
20
INPUT VOLTAGE (V)
TA = 25°C
VCC
vs. Input Voltage
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
510
15
20
INPUT VOLTAGE (V)
TA = 25°C
VCC
vs. ICC
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
0
5
10
15
20
ICC (mA)
TA = 25°C
Switch Voltage
vs. Switch Current
0
50
100
150
200
250
300
350
0
0.25
0.5
0.75
1
SWITCH CURRENT (A)
TA = 25°C
Current Sense Voltage
vs. Input Voltage
0
50
100
150
200
250
510
15
20
INPUT VOLTAGE (V)
VCS(Min)
VCS(Max)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com