Electronic Components Datasheet Search
  English  ▼

X  

LPC2939 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # LPC2939
Description  ARM9 microcontroller with CAN, LIN, and USB
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2939 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button LPC2939 Datasheet HTML 17Page - NXP Semiconductors LPC2939 Datasheet HTML 18Page - NXP Semiconductors LPC2939 Datasheet HTML 19Page - NXP Semiconductors LPC2939 Datasheet HTML 20Page - NXP Semiconductors LPC2939 Datasheet HTML 21Page - NXP Semiconductors LPC2939 Datasheet HTML 22Page - NXP Semiconductors LPC2939 Datasheet HTML 23Page - NXP Semiconductors LPC2939 Datasheet HTML 24Page - NXP Semiconductors LPC2939 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 99 page
background image
LPC2939_3
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 03 — 7 April 2010
21 of 99
NXP Semiconductors
LPC2939
ARM9 microcontroller with CAN, LIN, and USB
[1]
This clock is always on (cannot be switched off for system safety reasons).
[2]
In the peripheral subsystem parts of the Timers, watchdog timer, SPI and UART have their own clock
source. See Section 6.13 for details.
[3]
In the Power Clock and Reset Control subsystem parts of the CGU, RGU, and PMU have their own clock
source. See Section 6.16 for details.
[4]
The clock should remain activated when system wake-up on timer or UART is required.
BASE_MSCSS_CLK
CLK_MSCSS_APB
APB side of the MSCSS
CLK_MSCSS_MTMR0
timer 0 in the MSCSS
CLK_MSCSS_MTMR1
timer 1 in the MSCSS
CLK_MSCSS_PWM0
PWM 0
CLK_MSCSS_PWM1
PWM 1
CLK_MSCSS_PWM2
PWM 2
CLK_MSCSS_PWM3
PWM 3
CLK_MSCSS_ADC0_APB APB side of ADC 0
CLK_MSCSS_ADC1_APB APB side of ADC 1
CLK_MSCSS_ADC2_APB APB side of ADC 2
CLK_MSCSS_QEI
Quadrature Encoder Interface (QEI)
BASE_UART_CLK
CLK_UART0
UART 0 interface clock
CLK_UART1
UART 1 interface clock
BASE_ICLK0_CLK
-
CGU1 input clock
BASE_SPI_CLK
CLK_SPI0
SPI 0 interface clock
CLK_SPI1
SPI 1 interface clock
CLK_SPI2
SPI 2 interface clock
BASE_TMR_CLK
CLK_TMR0
timer 0 clock for counter part
CLK_TMR1
timer 1 clock for counter part
CLK_TMR2
timer 2 clock for counter part
CLK_TMR3
timer 3 clock for counter part
BASE_ADC_CLK
CLK_ADC0
control of ADC 0, capture sample
result
CLK_ADC1
control of ADC 1, capture sample
result
CLK_ADC2
control of ADC 2, capture sample
result
-
reserved
-
BASE_ICLK1_CLK
-
CGU1 input clock
Table 8.
CGU1 base clock and branch clock overview
Base clock
Branch clock name
Parts of the device clocked by this
branch clock
BASE_OUT_CLK
CLK_OUT_CLK
pin CLK_OUT
BASE_USB_CLK
CLK_USB_CLK
USB clock
BASE_USB_I2C_CLK
CLK_USB_I2C_CLK
USB OTG I2C clock
Table 7.
CGU0 base clock and branch clock overview …continued
Base clock
Branch clock name
Parts of the device clocked by this
branch clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com