Electronic Components Datasheet Search
  English  ▼

X  

LPC2939 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # LPC2939
Description  ARM9 microcontroller with CAN, LIN, and USB
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2939 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button LPC2939 Datasheet HTML 9Page - NXP Semiconductors LPC2939 Datasheet HTML 10Page - NXP Semiconductors LPC2939 Datasheet HTML 11Page - NXP Semiconductors LPC2939 Datasheet HTML 12Page - NXP Semiconductors LPC2939 Datasheet HTML 13Page - NXP Semiconductors LPC2939 Datasheet HTML 14Page - NXP Semiconductors LPC2939 Datasheet HTML 15Page - NXP Semiconductors LPC2939 Datasheet HTML 16Page - NXP Semiconductors LPC2939 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 99 page
background image
LPC2939_3
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 03 — 7 April 2010
13 of 99
NXP Semiconductors
LPC2939
ARM9 microcontroller with CAN, LIN, and USB
[1]
Bidirectional pad; analog port; plain input; 3-state output; slew rate control; 5 V tolerant; TTL with hysteresis; programmable pull-up /
pull-down / repeater.
[2]
USB pad.
[3]
Analog pad; Analog I/O.
[4]
Analog I/O pad.
P0[20]/IN2[4]/
PMAT2[2]/A16
200[4]
GPIO 0, pin 20
ADC2 IN4
PWM2 MAT2
EXTBUS A16
P0[21]/IN2[5]/
PMAT2[3]/A17
201[4]
GPIO 0, pin 21
ADC2 IN5
PWM2 MAT3
EXTBUS A17
P0[22]/IN2[6]/
PMAT2[4]/A18
202[4]
GPIO 0, pin 22
ADC2 IN6
PWM2 MAT4
EXTBUS A18
VSS(IO)
203
ground for I/O
P0[23]/IN2[7]/
PMAT2[5]/A19
204[4]
GPIO 0, pin 23
ADC2 IN7
PWM2 MAT5
EXTBUS A19
P2[20]/
PCAP2[0]/D18
205[1]
GPIO 2, pin 20
SPI2 SDO
PWM2 CAP0
EXTBUS D18
VDD(CORE)
206
1.8 V power supply for digital core
VSS(CORE)
207
ground for digital core
TDI
208[1]
IEEE 1149.1 data in, pulled up internally
Table 3.
LQFP208 pin assignment …continued
Pin name
Pin
Description
Function 0
(default)
Function 1
Function 2
Function 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com