Electronic Components Datasheet Search
  English  ▼

X  

LPC2939 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # LPC2939
Description  ARM9 microcontroller with CAN, LIN, and USB
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2939 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button LPC2939 Datasheet HTML 4Page - NXP Semiconductors LPC2939 Datasheet HTML 5Page - NXP Semiconductors LPC2939 Datasheet HTML 6Page - NXP Semiconductors LPC2939 Datasheet HTML 7Page - NXP Semiconductors LPC2939 Datasheet HTML 8Page - NXP Semiconductors LPC2939 Datasheet HTML 9Page - NXP Semiconductors LPC2939 Datasheet HTML 10Page - NXP Semiconductors LPC2939 Datasheet HTML 11Page - NXP Semiconductors LPC2939 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 99 page
background image
LPC2939_3
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 03 — 7 April 2010
8 of 99
NXP Semiconductors
LPC2939
ARM9 microcontroller with CAN, LIN, and USB
P4[12]/BLS0
64[1]
GPIO 4, pin 12
EXTBUS BLS0
--
P2[1]/MAT2[1]/
TRAP2/D9
65[1]
GPIO 2, pin 1
TIMER2 MAT1
PWM TRAP2
EXTBUS D9
P5[12]/D24
66[1]
GPIO 5, pin 12
EXTBUS D24
-
-
VDD(IO)
67
3.3 V power supply for I/O
P4[1]/A9
68[1]
GPIO 4, pin 1
EXTBUS A9
-
-
P3[10]/SDI2/
PMAT1[4]/
USB_PWRD1
69[1]
GPIO 3, pin 10
SPI2 SDI
PWM1 MAT4
USB_PWRD1
VSS(CORE)
70
ground for core
VDD(CORE)
71
1.8 V power supply for digital core
P5[1]/D9
72[1]
GPIO 5, pin 1
EXTBUS D9
-
-
P3[11]/SCK2/
PMAT1[5]/USB_LS1
73[1]
GPIO 3, pin 11
SPI2 SCK
PWM1 MAT5
USB_LS1
P4[17]/CS7/U1OUT2
74[1]
GPIO 4, pin 17
EXTBUS CS7
UART1 OUT2
-
P1[15]/CAP2[1]/
SCS0[0]/D1
75[1]
GPIO 1, pin 15
TIMER2 CAP1
SPI0 SCS0
EXTBUS D1
P4[9]/A23/DCD1
76[1]
GPIO4, pin 9
EXTBUS A23
UART1 DCD
-
VSS(IO)
77
ground for I/O
P5[9]/D21/DTR0
78[1]
GPIO 5, pin 9
EXTBUS D21
UART0 DTR
-
P1[14]/CAP2[0]/
SCS0[3]/D0
79[1]
GPIO 1, pin 14
TIMER2 CAP0
SPI0 SCS3
EXTBUS D0
P4[21]/
USB_OVRCR2
80[1]
GPIO 4, pin 21
USB_OVRCR2
--
P1[13]/EI3/SCL1/WE
81[1]
GPIO 1, pin 13
EXTINT3
I2C1 SCL
EXTBUS WE
P4[5]/A13
82[1]
GPIO 4, pin 5
EXTBUS A13
-
-
P1[12]/EI2/SDA1/OE
83[1]
GPIO 1, pin 12
EXTINT2
I2C1 SDA
EXTBUS OE
P5[5]/D17
84[1]
GPIO 5, pin 5
EXTBUS D17
-
-
VDD(IO)
85
3.3 V power supply for I/O
P2[2]/MAT2[2]/
TRAP1/D10
86[1]
GPIO 2, pin 2
TIMER2 MAT2
PWM TRAP1
EXTBUS D10
P2[3]/MAT2[3]/
TRAP0/D11
87[1]
GPIO 2, pin 3
TIMER2 MAT3
PWM TRAP0
EXTBUS D11
P1[11]/SCK1/
SCL0/CS3
88[1]
GPIO 1, pin 11
SPI1 SCK
I2C0 SCL
EXTBUS CS3
P1[10]/SDI1/
SDA0/CS2
89[1]
GPIO 1, pin 10
SPI1 SDI
I2C0 SDA
EXTBUS CS2
P3[12]/SCS1[0]/EI4/
USB_SSPND1
90[1]
GPIO 3, pin 12
SPI1 SCS0
EXTINT4
USB_SSPND1
VSS(CORE)
91
ground for digital core
VDD(CORE)
92
1.8 V power supply for digital core
P3[13]/SDO1/
EI5/IDX0
93[1]
GPIO 3, pin 13
SPI1 SDO
EXTINT5
QEI0 IDX
Table 3.
LQFP208 pin assignment …continued
Pin name
Pin
Description
Function 0
(default)
Function 1
Function 2
Function 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com