Electronic Components Datasheet Search
  English  ▼

X  

P89LPC915 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # P89LPC915
Description  8-bit microcontrollers with accelerated two-clock 80C51 core 2 kB 3 V flash with 8-bit A/D converter
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC915 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button P89LPC915 Datasheet HTML 28Page - NXP Semiconductors P89LPC915 Datasheet HTML 29Page - NXP Semiconductors P89LPC915 Datasheet HTML 30Page - NXP Semiconductors P89LPC915 Datasheet HTML 31Page - NXP Semiconductors P89LPC915 Datasheet HTML 32Page - NXP Semiconductors P89LPC915 Datasheet HTML 33Page - NXP Semiconductors P89LPC915 Datasheet HTML 34Page - NXP Semiconductors P89LPC915 Datasheet HTML 35Page - NXP Semiconductors P89LPC915 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 75 page
background image
P89LPC915_916_917_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 15 December 2009
32 of 75
NXP Semiconductors
P89LPC915/916/917
8-bit microcontrollers with accelerated two-clock 80C51 core
8.6 External clock input option
In this configuration, the processor clock is derived from an external source driving the
CLKIN pin. The rate may be from 0 Hz up to 18 MHz.
When using an external clock input frequency above 12 MHz, the reset input
function of P1.5 must be enabled. An external circuit is required to hold the device
in reset at power-up until VDD has reached its specified level. When system power is
removed VDD will fall below the minimum specified operating voltage. When using
an external clock input frequency above 12 MHz, in some applications, an external
brownout detect circuit may be required to hold the device in reset when VDD falls
below the minimum specified operating voltage.
8.7 CCLK wake-up delay
The P89LPC915/916/917 has an internal wake-up timer that delays the clock until it
stabilizes. The delay is 224 OSCCLK cycles plus 60
µsto100 µs.
8.8 CCLK modification: DIVM register
The OSCCLK frequency can be divided down up to 510 times by configuring a dividing
register, DIVM, to generate CCLK. This feature makes it possible to temporarily run the
CPU at a lower rate, reducing power consumption. By dividing the clock, the CPU can
retain the ability to respond to events that would not exit Idle mode by executing its normal
program at a lower rate. This can also allow bypassing the oscillator start-up time in cases
where Power-down mode would otherwise be used. The value of DIVM may be changed
by the program at any time without interrupting code execution.
Fig 11. Block diagram of oscillator control
÷2
002aaa831
RTC
CPU
WDT
DIVM
CCLK
OSCCLK
XCLK
RCCLK
I2C
peripheral clock
TIMERS 1 AND 0
CLKIN
RC
OSCILLATOR
WATCHDOG
OSCILLATOR
(7.3728 MHz)
(400 kHz)
PCLK
RCCLK
SPI
(P89LPC916)
RTCS1:0
ADC1/DAC1
UART
BAUD RATE
GENERATOR
CLKOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com