Electronic Components Datasheet Search
  English  ▼

X  

P89LPC915 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # P89LPC915
Description  8-bit microcontrollers with accelerated two-clock 80C51 core 2 kB 3 V flash with 8-bit A/D converter
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC915 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button P89LPC915 Datasheet HTML 9Page - NXP Semiconductors P89LPC915 Datasheet HTML 10Page - NXP Semiconductors P89LPC915 Datasheet HTML 11Page - NXP Semiconductors P89LPC915 Datasheet HTML 12Page - NXP Semiconductors P89LPC915 Datasheet HTML 13Page - NXP Semiconductors P89LPC915 Datasheet HTML 14Page - NXP Semiconductors P89LPC915 Datasheet HTML 15Page - NXP Semiconductors P89LPC915 Datasheet HTML 16Page - NXP Semiconductors P89LPC915 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 75 page
background image
P89LPC915_916_917_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 15 December 2009
13 of 75
NXP Semiconductors
P89LPC915/916/917
8-bit microcontrollers with accelerated two-clock 80C51 core
P0.1/CIN2B/KBI1/AD10
1
I/O
P0.1 — Port 0 bit 1.
I
CIN2B — Comparator 2 positive input B.
I
KBI1 — Keyboard input 1.
I
AD10 — ADC1 channel 0 analog input.
P0.2/CIN2A/KBI2/AD11
16
I/O
P0.2 — Port 0 bit 2.
I
CIN2A — Comparator 2 positive input A.
I
KBI2 — Keyboard input 2.
I
AD11 — ADC1 channel 1 analog input.
P0.3/CIN1B/KBI3/AD12
15
I/O
P0.3 — Port 0 bit 3.
I
CIN1B — Comparator 1 positive input B.
I
KBI3 — Keyboard input 3.
I
AD12 — ADC1 channel 2 analog input.
P0.4/CIN1A/KBI4/AD13/DAC1 14
I/O
P0.4 — Port 0 bit 4.
I
CIN1A — Comparator 1 positive input A.
I
KBI4 — Keyboard input 4.
I
AD13 — ADC1 channel 3 analog input.
O
DAC1 — DAC1 analog output.
P0.5/CMPREF/KBI5/CLKIN
13
I/O
P0.5 — Port 0 bit 5.
I
CMPREF — Comparator reference (negative) input.
I
KBI5 — Keyboard input 5.
I
CLKIN — External clock input.
P1.0 to P1.5
I/O, I
[1]
Port 1: Port 1 is an 6-bit I/O port with a user-configurable output type,
except for three pins as noted below. During reset Port 1 latches are
configured in the input only mode with the internal pull-up disabled. The
operation of the configurable Port 1 pins as inputs and outputs depends
upon the port configuration selected. Each of the configurable port pins
are programmed independently. Refer to Section 8.13.1 “Port
configurations” and Table 15 “Static characteristics” for details. P1.2 to
P1.3 are open drain when used as outputs. P1.5 is input only.
All pins have Schmitt triggered inputs.
Port 1 also provides various special functions as described below:
P1.0/TXD
10
I/O
P1.0 — Port 1 bit 0.
O
TXD — Transmitter output for serial port.
P1.1/RXD
9
I/O
P1.1 — Port 1 bit 1.
I
RXD — Receiver input for serial port.
P1.2/T0/SCL
8
I/O
P1.2 — Port 1 bit 2 (open-drain when used as output).
I/O
T0 — Timer/counter 0 external count input or overflow output
(open-drain when used as output).
I/O
SCL — I2C serial clock input/output.
P1.3/INT0/SDA
7
I/O
P1.3 — Port 1 bit 3 (open-drain when used as output).
I
INT0 — External interrupt 0 input.
I/O
SDA — I2C serial data input/output.
P1.5/RST
3
I
P1.5 — Port 1 bit 5 (input only).
Table 5.
P89LPC916 pin description …continued
Symbol
Pin
Type Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com