Electronic Components Datasheet Search
  English  ▼

X  

P89LPC915 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # P89LPC915
Description  8-bit microcontrollers with accelerated two-clock 80C51 core 2 kB 3 V flash with 8-bit A/D converter
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC915 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button P89LPC915 Datasheet HTML 10Page - NXP Semiconductors P89LPC915 Datasheet HTML 11Page - NXP Semiconductors P89LPC915 Datasheet HTML 12Page - NXP Semiconductors P89LPC915 Datasheet HTML 13Page - NXP Semiconductors P89LPC915 Datasheet HTML 14Page - NXP Semiconductors P89LPC915 Datasheet HTML 15Page - NXP Semiconductors P89LPC915 Datasheet HTML 16Page - NXP Semiconductors P89LPC915 Datasheet HTML 17Page - NXP Semiconductors P89LPC915 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 75 page
background image
P89LPC915_916_917_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 15 December 2009
14 of 75
NXP Semiconductors
P89LPC915/916/917
8-bit microcontrollers with accelerated two-clock 80C51 core
[1]
Input/output for P1.0 to P1.3. Input for P1.5.
I
RST — External Reset input during power-on or if selected via UCFG1.
When functioning as a reset input, a LOW on this pin resets the
microcontroller, causing I/O ports and peripherals to take on their
default states, and the processor begins execution at address 0. Also
used during a power-on sequence to force ISP mode. When using an
oscillator frequency above 12 MHz, the reset input function of P1.5
must be enabled. An external circuit is required to hold the device
in reset at power-up until VDD has reached its specified level. When
system power is removed VDD will fall below the minimum
specified operating voltage. When using an oscillator frequency
above 12 MHz, in some applications, an external brownout detect
circuit may be required to hold the device in reset when VDD falls
below the minimum specified operating voltage.
P2.2 to P2.5
Port 2: Port 2 is a 4-bit I/O port with a user-configurable output type.
During reset Port 2 latches are configured in the input only mode with
the internal pull-up disabled. The operation of Port 2 pins as inputs and
outputs depends upon the port configuration selected. Each port pin is
configured independently. Refer to Section 8.13.1 “Port configurations”
and Table 15 “Static characteristics” for details.
All pins have Schmitt triggered inputs.
Port 2 also provides various special functions as described below:
P2.2/MOSI
6
I/O
P2.2 — Port 2 bit 2.
I/O
MOSI — SPI master out slave in. When configured as master, this pin is
output; when configured as slave, this pin is input.
P2.3/MISO
5
I/O
P2.3 — Port 2 bit 3.
I/O
MISO — When configured as master, this pin is input, when configured
as slave, this pin is output.
P2.4/SS
2
I/O
P2.4 — Port 2 bit 4.
I/O
SS — SPI Slave select.
P2.5/SPICLK
11
I/O
P2.5 — Port 2 bit 5.
I/O
SPICLK — SPI clock. When configured as master, this pin is output;
when configured as slave, this pin is input.
VSS
4I
Ground: 0 V reference.
VDD
12
I
Power supply: This is the power supply voltage for normal operation as
well as Idle and Power-down modes.
Table 5.
P89LPC916 pin description …continued
Symbol
Pin
Type Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com