Electronic Components Datasheet Search
  English  ▼

X  

P89LPC9103 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # P89LPC9103
Description  8-bit microcontrollers with two-clock accelerated 80C51 core 1 kB 3 V byte-erasable flash with 8-bit A/D converter
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC9103 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button P89LPC9103 Datasheet HTML 9Page - NXP Semiconductors P89LPC9103 Datasheet HTML 10Page - NXP Semiconductors P89LPC9103 Datasheet HTML 11Page - NXP Semiconductors P89LPC9103 Datasheet HTML 12Page - NXP Semiconductors P89LPC9103 Datasheet HTML 13Page - NXP Semiconductors P89LPC9103 Datasheet HTML 14Page - NXP Semiconductors P89LPC9103 Datasheet HTML 15Page - NXP Semiconductors P89LPC9103 Datasheet HTML 16Page - NXP Semiconductors P89LPC9103 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 61 page
background image
P89LPC9102_9103_9107_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 10 July 2007
13 of 61
NXP Semiconductors
P89LPC9102/9103/9107
8-bit microcontrollers with two-clock accelerated 80C51 core
P1.5/RST
2
I
P1.5 — Port 1 bit 5 (input-only).
I
RST — External Reset input during Power-on or if selected via UCFG1. When
functioning as a reset input a LOW on this pin resets the microcontroller, causing I/O
ports and peripherals to take on their default states, and the processor begins
execution at address 0. When using an oscillator frequency above 12 MHz, the
reset input function of P1.5 must be enabled. An external circuit is required to
hold the device in reset at power-up until VDD has reached its specified level.
When system power is removed VDD will fall below the minimum specified
operating voltage. When using an oscillator frequency above 12 MHz, in some
applications, an external brownout detect circuit may be required to hold the
device in reset when VDD falls below the minimum specified operating voltage.
VSS
3I
Ground: 0 V reference.
VDD
7I
Power supply: This is the power supply voltage for normal operation as well as Idle
mode and Power-down mode.
Table 5.
P89LPC9103 pin description …continued
Symbol
Pin
Type
Description
Table 6.
P89LPC9107 pin description
Symbol
Pin
Type
Description
P0.1 to P0.5,
P0.7
I/O
Port 0: Port 0 is an I/O port with a user-configurable output type. During reset Port 0
latches are configured in the input-only mode with the internal pull-up disabled. The
operation of Port 0 pins as inputs and outputs depends upon the port configuration
selected. Each port pin is configured independently. Refer to Section 8.12.1 “Port
configurations” and Table 12 “Static characteristics” for details.
The Keypad Interrupt feature operates with Port 0 pins.
All pins have Schmitt triggered inputs.
Port 0 also provides various special functions as described below:
P0.1/KBI1/
AD10
5
I/O
P0.1 — Port 0 bit 1.
I
KBI1 — Keyboard input 1.
I
AD10 — ADC1 channel 0 analog input.
P0.2/KBI2/
AD11
1
I/O
P0.2 — Port 0 bit 2.
I
KBI2 — Keyboard input 2.
I
AD11 — ADC1 channel 1 analog input.
P0.3/CIN1B/
AD12
14
I/O
P0.3 — Port 0 bit 3.
I
CIN1B — Comparator 1 positive input.
I
AD12 — ADC1 channel 2 analog input.
P0.4/CIN1A/
AD13/DAC1
12
I/O
P0.4 — Port 0 bit 4.
I
CIN1A — Comparator 1 positive input.
I
AD13 — ADC1 channel 3 analog input.
O
DAC1 — Digital to analog converter output.
P0.5/CMPREF/
CLKIN
11
I/O
P0.5 — Port 0 bit 5.
I
CMPREF — Comparator reference (negative) input.
I
CLKIN — External clock input.
P0.7/T1/
CLKOUT
8
I/O
P0.7 — Port 0 bit 7.
I/O
T1 — Timer/counter 1 external count input or overflow/PWM output.
I
CLKOUT — Clock output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com