Electronic Components Datasheet Search
  English  ▼

X  

P89LPC985FDH Datasheet(PDF) 58 Page - NXP Semiconductors

Part # P89LPC985FDH
Description  8-bit microcontroller with accelerated two-clock 80C51 core, 4 kB/8 kB wide-voltage byte-erasable flash with 10-bit ADC
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC985FDH Datasheet(HTML) 58 Page - NXP Semiconductors

Back Button P89LPC985FDH Datasheet HTML 54Page - NXP Semiconductors P89LPC985FDH Datasheet HTML 55Page - NXP Semiconductors P89LPC985FDH Datasheet HTML 56Page - NXP Semiconductors P89LPC985FDH Datasheet HTML 57Page - NXP Semiconductors P89LPC985FDH Datasheet HTML 58Page - NXP Semiconductors P89LPC985FDH Datasheet HTML 59Page - NXP Semiconductors P89LPC985FDH Datasheet HTML 60Page - NXP Semiconductors P89LPC985FDH Datasheet HTML 61Page - NXP Semiconductors P89LPC985FDH Datasheet HTML 62Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 85 page
background image
P89LPC980_982_983_985_2
© NXP B.V. 2010. All rights reserved.
Preliminary data sheet
Rev. 02 — 8 February 2010
58 of 85
NXP Semiconductors
P89LPC980/982/983/985
8-bit microcontroller with accelerated two-clock 80C51 core
Remark: Users who wish to use this loader should take precautions to avoid erasing the
1 kB sector that contains this bootloader. Instead, the page erase function can be used to
erase the first eight 64-byte pages located in this sector.
A custom bootloader can be written with the Boot Vector set to the custom bootloader, if
desired.
7.29.10 Hardware activation of the bootloader
The bootloader can also be executed by forcing the device into ISP mode during a
power-on sequence (see the P89LPC980/982/983/985 User manual for specific
information). This has the same effect as having a non-zero status byte. This allows an
application to be built that will normally execute user code but can be manually forced into
ISP operation. If the factory default setting for the boot is changed, it will no longer point to
the factory pre-programmed ISP bootloader code. After programming the flash, the status
byte should be programmed to zero in order to allow execution of the user’s application
code beginning at address 0000H.
7.30 User configuration bytes
Some user-configurable features of the P89LPC980/982/983/985 must be defined at
power-up and therefore cannot be set by the program after start of execution. These
features are configured through the use of the flash byte UCFG1 and UCFG2. Please see
the P89LPC980/982/983/985 User’s Manual for additional details.
7.31 User sector security bytes
There are four/eight User Sector Security Bytes on the P89LPC980/982/983/985. Each
byte corresponds to one sector. Please see the P89LPC980/982/983/985 User manual for
additional details.
8.
ADC (P89LPC983/985)
8.1 General description
The P89LPC985 has a 10-bit, 8-channel multiplexed successive approximation
analog-to-digital converter modules. The P89LPC983 has a 10-bit, 4-channel multiplexed
successive approximation analog-to-digital converter modules. A block diagram of the
ADC is shown in Figure 20 “ADC block diagram”.
Table 11.
Default boot vector values and ISP entry points
Device
Default
boot vector
Default
bootloader
entry point
Default bootloader
code range
1 kB sector
range
P89LPC980
0FH
0F00H
0E00H to 0FFFH
0C00H to 0FFFH
P89LPC982
1FH
1F00H
1E00H to 1FFFH
1C00H to 1FFFH
P89LPC983
0FH
0F00H
0E00H to 0FFFH
0C00H to 0FFFH
P89LPC985
1FH
1F00H
1E00H to 1FFFH
1C00H to 1FFFH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com