Electronic Components Datasheet Search
  English  ▼

X  

P89LPC985FDH Datasheet(PDF) 80 Page - NXP Semiconductors

Part # P89LPC985FDH
Description  8-bit microcontroller with accelerated two-clock 80C51 core, 4 kB/8 kB wide-voltage byte-erasable flash with 10-bit ADC
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC985FDH Datasheet(HTML) 80 Page - NXP Semiconductors

Back Button P89LPC985FDH Datasheet HTML 76Page - NXP Semiconductors P89LPC985FDH Datasheet HTML 77Page - NXP Semiconductors P89LPC985FDH Datasheet HTML 78Page - NXP Semiconductors P89LPC985FDH Datasheet HTML 79Page - NXP Semiconductors P89LPC985FDH Datasheet HTML 80Page - NXP Semiconductors P89LPC985FDH Datasheet HTML 81Page - NXP Semiconductors P89LPC985FDH Datasheet HTML 82Page - NXP Semiconductors P89LPC985FDH Datasheet HTML 83Page - NXP Semiconductors P89LPC985FDH Datasheet HTML 84Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 85 page
background image
P89LPC980_982_983_985_2
© NXP B.V. 2010. All rights reserved.
Preliminary data sheet
Rev. 02 — 8 February 2010
80 of 85
NXP Semiconductors
P89LPC980/982/983/985
8-bit microcontroller with accelerated two-clock 80C51 core
14. Abbreviations
Table 19.
Abbreviations
Acronym
Description
ADC
Analog to Digital Converter
BOD
BrownOut Detect
CPU
Central Processing Unit
CCU
Capture/Compare Unit
CRC
Cyclic Redundancy Check
DAC
Digital to Analog Converter
EPROM
Erasable Programmable Read-Only Memory
EEPROM
Electrically Erasable Programmable Read-Only Memory
EMI
ElectroMagnetic Interference
GPIO
General Purpose Input/Output
LSB
Least Significant Bit
MSB
Most Significant Bit
PLL
Phase-Locked Loop
PWM
Pulse Width Modulator
RAM
Random Access Memory
RC
Resistance-Capacitance
RTC
Real-Time Clock
SAR
Successive Approximation Register
SFR
Special Function Register
SPI
Serial Peripheral Interface
UART
Universal Asynchronous Receiver/Transmitter
WDT
WatchDog Timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com