Electronic Components Datasheet Search
  English  ▼

X  

MC9S08LL36 Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # MC9S08LL36
Description  Technical Data
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08LL36 Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button MC9S08LL36 Datasheet HTML 35Page - Freescale Semiconductor, Inc MC9S08LL36 Datasheet HTML 36Page - Freescale Semiconductor, Inc MC9S08LL36 Datasheet HTML 37Page - Freescale Semiconductor, Inc MC9S08LL36 Datasheet HTML 38Page - Freescale Semiconductor, Inc MC9S08LL36 Datasheet HTML 39Page - Freescale Semiconductor, Inc MC9S08LL36 Datasheet HTML 40Page - Freescale Semiconductor, Inc MC9S08LL36 Datasheet HTML 41Page - Freescale Semiconductor, Inc MC9S08LL36 Datasheet HTML 42Page - Freescale Semiconductor, Inc MC9S08LL36 Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
LCD Specifications
MC9S08LL64 Series MCU Data Sheet, Rev. 4
Freescale Semiconductor
39
3.14
LCD Specifications
3.15
Flash Specifications
This section provides details about program/erase times and program-erase endurance for the Flash
memory.
Program and erase operations do not require any special power sources other than the normal VDD supply.
For more detailed information about program/erase operations, see the Memory section.
Table 20. LCD Electricals, 3-V Glass
No.
C
Characteristic
Symbol
Min
Typ
Max
Unit
1
D
LCD supply voltage
VLCD
.9
1.5
1.8
V
2
D
LCD frame frequency
fFrame
28
30
58
Hz
3
D
LCD charge pump capacitance
CLCD
—100
100
nF
4
D
LCD bypass capacitance
CBYLCD
—100
100
nF
5
D
LCD glass capacitance
Cglass
—
2000
8000
pF
6
DVIREG
HRefSel = 0
VIREG
.89
1.00
1.15
V
7
HRefSel = 1
1.49
1.67
1.851
1 V
IREG Max can not exceed VDD –.15 V
8D
VIREG trim resolution
Δ
RTRIM
1.5
—
—
% VIREG
9
DVIREG ripple
HRefSel = 0
—
—
—
.1
V
10
HRefSel = 1
—
—
—
.15
11
D
VLCD buffered adder
2
2 VSUPPLY = 10, BYPASS = 0
IBuff
—1
μA
Table 21. Flash Characteristics
No.
C
Characteristic
Symbol
Min
Typical
Max
Unit
1D
Supply voltage for program/erase
–40
°C to 85 °C
Vprog/erase
1.8
—
3.6
V
2
D
Supply voltage for read operation
VRead
1.8
—
3.6
V
3
D
Internal FCLK frequency1
fFCLK
150
—
200
kHz
4
D
Internal FCLK period (1/FCLK)
tFcyc
5
—
6.67
μs
5
P
Byte program time (random location)2
tprog
9tFcyc
6
P
Byte program time (burst mode)2
tBurst
4tFcyc
7
P
Page erase time2
tPage
4000
tFcyc
8
P
Mass erase time2
tMass
20,000
tFcyc
9
D
Byte program current3
RIDDBP
—4—
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com