Electronic Components Datasheet Search
  English  ▼

X  

MC9S08LL36 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MC9S08LL36
Description  Technical Data
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08LL36 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MC9S08LL36 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC9S08LL36 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9S08LL36 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9S08LL36 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9S08LL36 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC9S08LL36 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC9S08LL36 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC9S08LL36 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC9S08LL36 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
Introduction
MC9S08LL64 Series MCU Data Sheet, Rev. 4
Freescale Semiconductor
9
3
Electrical Characteristics
3.1
Introduction
This section contains electrical and timing specifications for the MC9S08LL64 series of microcontrollers
available at the time of publication.
3.2
Parameter Classification
The electrical parameters shown in this supplement are guaranteed by various methods. To give the
customer a better understanding, the following classification is used and the parameters are tagged
accordingly in the tables where appropriate:
NOTE
The classification is shown in the column labeled “C” in the parameter
tables where appropriate.
3.3
Absolute Maximum Ratings
Absolute maximum ratings are stress ratings only, and functional operation at the maxima is not
guaranteed. Stress beyond the limits specified in Table 4 may affect device reliability or cause permanent
damage to the device. For functional operating conditions, refer to the remaining tables in this section.
This device contains circuitry protecting against damage due to high-static voltage or electrical fields;
however, it is advised that normal precautions be taken to avoid application of any voltages higher than
maximum-rated voltages to this high-impedance circuit. Reliability of operation is enhanced if unused
inputs are tied to an appropriate logic voltage level (for instance, either VSS or VDD) or the programmable
pullup resistor associated with the pin is enabled.
Table 3. Parameter Classifications
P
Those parameters are guaranteed during production testing on each individual device.
C
Those parameters are achieved by the design characterization by measuring a statistically relevant
sample size across process variations.
T
Those parameters are achieved by design characterization on a small sample size from typical devices
under typical conditions unless otherwise noted. All values shown in the typical column are within this
category.
D
Those parameters are derived mainly from simulations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com