Electronic Components Datasheet Search
  English  ▼

X  

MC9S08LL36 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # MC9S08LL36
Description  Technical Data
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08LL36 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MC9S08LL36 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC9S08LL36 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC9S08LL36 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC9S08LL36 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC9S08LL36 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC9S08LL36 Datasheet HTML 14Page - Freescale Semiconductor, Inc MC9S08LL36 Datasheet HTML 15Page - Freescale Semiconductor, Inc MC9S08LL36 Datasheet HTML 16Page - Freescale Semiconductor, Inc MC9S08LL36 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
DC Characteristics
MC9S08LL64 Series MCU Data Sheet, Rev. 4
Freescale Semiconductor
13
6
C
Output low
voltage
PTA[4:5], PTD[0:7],
PTE[0:7],
low-drive strength
VOL
VDD > 1.8 V
ILoad = 0.5 mA
——
0.5
V
P
PTA[4:5], PTD[0:7],
PTE[0:7],
high-drive strength
VDD > 2.7 V
ILoad = 3 mA
——
0.5
C
VDD > 1.8 V
ILoad = 1 mA
——
0.5
7D
Output low
current
Max total IOL for all ports
IOLT
——
100
mA
8
P Input high
voltage
all digital inputs
VIH
VDD > 2.7 V
0.70
× V
DD
——
V
CVDD > 1.8 V
0.85
× V
DD
——
9
P Input low
voltage
all digital inputs
VIL
VDD > 2.7 V
—
—
0.35
× V
DD
CVDD > 1.8 V
—
—
0.30
× V
DD
10
C
Input
hysteresis
all digital inputs
Vhys
0.06
× V
DD
——
mV
11
P
Input
leakage
current
all input only pins
(Per pin)
|IIn|VIn = VDD or VSS
—0.025
1
μA
12
P
Hi-Z
(off-state)
leakage
current
all input/output
(per pin)
|IOZ|VIn = VDD or VSS
—0.025
1
μA
13
P
Total
leakage
current3
Total leakage current for all
pins
|IInT|VIn = VDD or VSS
——
3
μA
14
P
Pullup,
Pulldown
resistors
all non-LCD pins when
enabled
RPU,
RPD
17.5
—
52.5
k
Ω
15
P
Pullup,
Pulldown
resistors
LCD/GPIO pins when
enabled
RPU,
RPD
35
—
77
k
Ω
16
D
DC injection
current 4, 5,
6
Single pin limit
IIC
VIN < VSS, VIN > VDD
–0.2
—
0.2
mA
Total MCU limit, includes
sum of all stressed pins
–5
—
5
mA
17
C Input Capacitance, all pins
CIn
——
8
pF
18
C RAM retention voltage
VRAM
—0.6
1.0
V
19
C POR re-arm voltage7
VPOR
0.9
1.4
2.0
V
20
D POR re-arm time
tPOR
10
—
—
μs
21
P Low-voltage detection threshold
VLVD
VDD falling
VDD rising
1.80
1.88
1.84
1.92
1.88
1.96
V
22
P Low-voltage warning threshold
VLVW
VDD falling
VDD rising
2.08
2.14
2.2
V
23
P
Low-voltage inhibit reset/recover
hysteresis
Vhys
—80—
mV
24
P Bandgap Voltage Reference8
VBG
1.15
1.17
1.18
V
Table 8. DC Characteristics (continued)
Num C
Characteristic
Symbol
Condition
Min
Typ1
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com