Electronic Components Datasheet Search
  English  ▼

X  

PCA2125 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCA2125
Description  SPI Real-time clock/calendar
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2125 Datasheet(HTML) 5 Page - NXP Semiconductors

  PCA2125 Datasheet HTML 1Page - NXP Semiconductors PCA2125 Datasheet HTML 2Page - NXP Semiconductors PCA2125 Datasheet HTML 3Page - NXP Semiconductors PCA2125 Datasheet HTML 4Page - NXP Semiconductors PCA2125 Datasheet HTML 5Page - NXP Semiconductors PCA2125 Datasheet HTML 6Page - NXP Semiconductors PCA2125 Datasheet HTML 7Page - NXP Semiconductors PCA2125 Datasheet HTML 8Page - NXP Semiconductors PCA2125 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
PCA2125_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 28 July 2008
5 of 36
NXP Semiconductors
PCA2125
SPI Real-time clock/calendar
[2]
Ten’s place in 24 h mode.
8.2 Reset
The PCA2125 includes an internal reset circuit which is active whenever the oscillator is
stopped; see Figure 3. The oscillator can be stopped, for example, by connecting one of
the oscillator pins OSCI or OSCO to ground.
The oscillator is considered to be stopped during the time between power-up and stable
crystal resonance; see Figure 4. This time can be in the range 200 ms to 2 s depending
on crystal type, temperature and supply voltage. Whenever an internal reset occurs, the
reset flag bit RF is set.
Fig 3.
Reset system
Fig 4.
Power-on reset
Table 5.
Register reset value
Bits labeled ‘-’ are not implemented and will return a ‘0’ when read. Bits labeled ‘X’ are undefined at
power-up and unchanged by subsequent resets.
Address
Register name
Bit
7
6
5
4
3
2
1
0
00h
Control_1
0
0
0
-
1
0
-
-
01h
Control_2
00000000
02h
Seconds
1
XXXXXXX
03h
Minutes
-
XXXXXXX
04h
Hours
-
-
XXXXXX
05h
Days
-
-
XXXXXX
06h
Weekdays
-----
X
X
X
001aaf898
SDI
CE
0 = override inactive
0 = clear override mode
0 = stopped, 1 = running
osc stopped
1 = override active
1 = override possible
CLEAR
POR
OVERRIDE
Bit
POR_OVRD
OSCILLATOR
reset
001aaf897
chip in reset
chip not in reset
t
VDD
oscillation
internal
reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com