| Electronic Components Datasheet Search |
|
PCA2125 Datasheet(PDF) 12 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA2125 Datasheet(HTML) 12 Page - NXP Semiconductors |
|
12 / 36 page ![]() PCA2125_1 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 01 — 28 July 2008 12 of 36 NXP Semiconductors PCA2125 SPI Real-time clock/calendar Generation of interrupts from the alarm function is described in Section 8.7.3. 8.5.1 Alarm flag When all enabled comparisons first match, the alarm flag bit AF is set. Bit AF will remain set until cleared by software. Once bit AF has been cleared it will only be set again when the time increments once more to match the alarm condition. Alarm registers which have their bit AENx at logic 1 are ignored. Figure 8 shows an example for clearing bit AF, but leaving bit MSF and bit TF unaffected. The flags are cleared by a write command, therefore bits 7, 6, 4, 1 and 0 must be written with their previous values. Repeatedly re-writing these bits has no influence on the functional behavior. Fig 7. Alarm function block diagram 001aaf902 WEEKDAY ALARM WEEKDAY AEN WEEKDAY TIME = DAY ALARM DAY AEN DAY TIME = HOUR ALARM HOUR AEN HOUR TIME = MINUTE ALARM MINUTE AEN MINUTE TIME = check now signal set alarm flag, AF MINUTE AEN = 1 1 0 example Example where only the minute alarm is used and no other interrupts are enabled. Fig 8. Alarm flag timing 001aaf903 44 45 45 minute alarm minutes counter AF INT when AIE = 1 46 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |