Electronic Components Datasheet Search
  English  ▼

X  

PCA8565TS Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCA8565TS
Description  Real time clock/calendar
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA8565TS Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCA8565TS Datasheet HTML 4Page - NXP Semiconductors PCA8565TS Datasheet HTML 5Page - NXP Semiconductors PCA8565TS Datasheet HTML 6Page - NXP Semiconductors PCA8565TS Datasheet HTML 7Page - NXP Semiconductors PCA8565TS Datasheet HTML 8Page - NXP Semiconductors PCA8565TS Datasheet HTML 9Page - NXP Semiconductors PCA8565TS Datasheet HTML 10Page - NXP Semiconductors PCA8565TS Datasheet HTML 11Page - NXP Semiconductors PCA8565TS Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
PCA8565_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 16 June 2009
8 of 39
NXP Semiconductors
PCA8565
Real time clock/calendar
9.3 Reset
The PCA8565 includes an internal reset circuit which is active whenever the oscillator is
stopped. In the reset state the I2C-bus logic is initialized including the address pointer. All
other registers are set according to Table 7.
[1]
Registers labeled ‘x’ are undefined at power-on and unchanged by subsequent resets.
9.4 Time and date registers
The majority of the registers are coded in the BCD format to simplify application use.
[1]
Start-up value.
[2]
Values shown in decimal.
Table 7.
Register reset values[1]
Address
Register name
Bit
7
6
5
4
3
2
1
0
00h
Control_1
0
0
0
0
1
0
0
0
01h
Control_2
x
x
0
0
0
0
0
0
02h
Seconds
1
x
x
x
x
x
x
x
03h
Minutes
1
x
x
x
x
x
x
x
04h
Hours
x
x
x
x
x
x
x
x
05h
Days
xxxxxxxx
06h
Weekdays
x
x
x
x
x
x
x
x
07h
Months_century
x
x
x
x
x
x
x
x
08h
Years
x
x
x
x
x
x
x
x
09h
Minute_alarm
1
x
x
x
x
x
x
x
0Ah
Hour_alarm
1
x
x
x
x
x
x
x
0Bh
Day_alarm
1
x
x
x
x
x
x
x
0Ch
Weekday_alarm
1
x
x
x
x
x
x
x
0Dh
CLKOUT_control
1
x
x
x
x
x
0
0
0Eh
Timer_control
0
x
x
x
x
x
1
1
0Fh
Timer
x
x
x
x
x
x
x
x
Table 8.
Register Seconds (address 02h) bits description
Bit
Symbol
Value
Place value Description
7
VL
0
-
clock integrity is guaranteed
1[1]
-
integrity of the clock information is not guaranteed
6 to 4 SECONDS 0 to 5[2]
ten’s place
actual seconds coded in BCD format
3 to 0
0 to 9[2]
unit place



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com