Electronic Components Datasheet Search
  English  ▼

X  

PCA9517 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCA9517
Description  Level translating I2C-bus repeater
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9517 Datasheet(HTML) 3 Page - NXP Semiconductors

  PCA9517 Datasheet HTML 1Page - NXP Semiconductors PCA9517 Datasheet HTML 2Page - NXP Semiconductors PCA9517 Datasheet HTML 3Page - NXP Semiconductors PCA9517 Datasheet HTML 4Page - NXP Semiconductors PCA9517 Datasheet HTML 5Page - NXP Semiconductors PCA9517 Datasheet HTML 6Page - NXP Semiconductors PCA9517 Datasheet HTML 7Page - NXP Semiconductors PCA9517 Datasheet HTML 8Page - NXP Semiconductors PCA9517 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
PCA9517_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 30 January 2007
3 of 19
NXP Semiconductors
PCA9517
Level translating I2C-bus repeater
5.
Pinning information
5.1 Pinning
5.2 Pin description
6.
Functional description
Refer to Figure 1 “Functional diagram of PCA9517”.
The PCA9517 enables I2C-bus or SMBus translation down to VCCA as low as 0.9 V
without degradation of system performance. The PCA9517 contains two bidirectional
open-drain buffers specifically designed to support up-translation/down-translation
between the low voltage (as low as 0.9 V) and a 3.3 V or 5 V I2C-bus or SMBus. All inputs
and I/Os are overvoltage tolerant to 5.5 V even when the device is unpowered (VCCB
and/or VCCA = 0 V). The PCA9517 includes a power-up circuit that keeps the output
drivers turned off until VCCB is above 2.5 V and the VCCA is above 0.8 V. VCCB and VCCA
can be applied in any sequence at power-up. After power-up and with the enable (EN)
HIGH, a LOW level on the A-side (below 0.3VCCA) turns the corresponding B-side driver
(either SDA or SCL) on and drives the B-side down to about 0.5 V. When the A-side rises
above 0.3VCCA the B-side pull-down driver is turned off and the external pull-up resistor
pulls the pin HIGH. When the B-side falls first and goes below 0.3VCCB the A-side driver is
turned on and the A-side pulls down to 0 V. The B-side pull-down is not enabled unless
the B-side voltage goes below 0.4 V. If the B-side low voltage does not go below 0.5 V, the
A-side driver will turn off when the B-side voltage is above 0.7VCCB. If the B-side low
voltage goes below 0.4 V, the B-side pull-down driver is enabled and the B-side will only
Fig 2.
Pin configuration for SO8
Fig 3.
Pin configuration for TSSOP8
(MSOP8)
PCA9517D
VCCA
VCCB
SCLA
SCLB
SDAA
SDAB
GND
EN
002aac198
1
2
3
4
6
5
8
7
PCA9517DP
VCCA
VCCB
SCLA
SCLB
SDAA
SDAB
GND
EN
002aac199
1
2
3
4
6
5
8
7
Table 2.
Pin description
Symbol
Pin
Description
VCCA
1
A-side supply voltage (0.9 V to 5.5 V)
SCLA
2
serial clock A-side bus
SDAA
3
serial data A-side bus
GND
4
supply ground (0 V)
EN
5
active HIGH repeater enable input
SDAB
6
serial data B-side bus
SCLB
7
serial clock B-side bus
VCCB
8
B-side supply voltage (2.7 V to 5.5 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com