Electronic Components Datasheet Search
  English  ▼

X  

PCA9517 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCA9517
Description  Level translating I2C-bus repeater
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9517 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCA9517 Datasheet HTML 3Page - NXP Semiconductors PCA9517 Datasheet HTML 4Page - NXP Semiconductors PCA9517 Datasheet HTML 5Page - NXP Semiconductors PCA9517 Datasheet HTML 6Page - NXP Semiconductors PCA9517 Datasheet HTML 7Page - NXP Semiconductors PCA9517 Datasheet HTML 8Page - NXP Semiconductors PCA9517 Datasheet HTML 9Page - NXP Semiconductors PCA9517 Datasheet HTML 10Page - NXP Semiconductors PCA9517 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
PCA9517_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 30 January 2007
7 of 19
NXP Semiconductors
PCA9517
Level translating I2C-bus repeater
Fig 7.
Typical application of PCA9517 driving a short cable
Fig 8.
Bus A (0.9 V to 5.5 V bus) waveform
Fig 9.
Bus B (2.7 V to 5.5 V) waveform
002aac637
VCCB
VCCA
SDAA
SDAB
SCLA
SCLB
10 k
Ω
10 k
Ω
VCCB
VCCA
RPU
GND
75
Ω
75
Ω
RPU
10 k
Ω
(optional)
MASTER
OR
SLAVE
CARD 1
CARD 2
EN
002aac775
9th clock pulse
acknowledge
SCL
SDA
002aac205
9th clock pulse
acknowledge
SCL
SDA
VOL of slave
VOL of PCA9517



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com