Electronic Components Datasheet Search
  English  ▼

X  

PCA9534 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCA9534
Description  8-bit I2C-bus and SMBus low power I/O port with interrupt
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9534 Datasheet(HTML) 3 Page - NXP Semiconductors

  PCA9534 Datasheet HTML 1Page - NXP Semiconductors PCA9534 Datasheet HTML 2Page - NXP Semiconductors PCA9534 Datasheet HTML 3Page - NXP Semiconductors PCA9534 Datasheet HTML 4Page - NXP Semiconductors PCA9534 Datasheet HTML 5Page - NXP Semiconductors PCA9534 Datasheet HTML 6Page - NXP Semiconductors PCA9534 Datasheet HTML 7Page - NXP Semiconductors PCA9534 Datasheet HTML 8Page - NXP Semiconductors PCA9534 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
PCA9534_3
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 03 — 6 November 2006
3 of 25
NXP Semiconductors
PCA9534
8-bit I2C-bus and SMBus low power I/O port with interrupt
5.
Pinning information
5.1 Pinning
5.2 Pin description
Fig 2.
Pin configuration for SO16
Fig 3.
Pin configuration for TSSOP16
Fig 4.
Pin configuration for HVQFN16
(SOT629-1; 4
× 4 × 0.85 mm)
Fig 5.
Pin configuration for HVQFN16
(SOT758-1; 3
× 3 × 0.85 mm)
PCA9534D
A0
VDD
A1
SDA
A2
SCL
IO0
INT
IO1
IO7
IO2
IO6
IO3
IO5
VSS
IO4
002aac465
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
PCA9534PW
A0
VDD
A1
SDA
A2
SCL
IO0
INT
IO1
IO7
IO2
IO6
IO3
IO5
VSS
IO4
002aac466
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
002aac467
PCA9534BS
Transparent top view
IO2
IO6
IO1
IO7
IO0
INT
A2
SCL
4
9
3
10
2
11
1
12
terminal 1
index area
002aac468
PCA9534BS3
Transparent top view
IO2
IO6
IO1
IO7
IO0
A2
SCL
4
9
3
10
2
11
1
12
terminal 1
index area
INT
Table 2.
Pin description
Symbol
Pin
Description
SO16, TSSOP16
HVQFN16
A0
1
15
address input 0
A1
2
16
address input 1
A2
3
1
address input 2
IO0
4
2
input/output 0
IO1
5
3
input/output 1
IO2
6
4
input/output 2
IO3
7
5
input/output 3
VSS
86[1]
ground supply voltage
IO4
9
7
input/output 4
IO5
10
8
input/output 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com