Electronic Components Datasheet Search
  English  ▼

X  

PCA9539D Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PCA9539D
Description  16-bit I2C-bus and SMBus low power I/O port with interrupt and reset
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9539D Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCA9539D Datasheet HTML 17Page - NXP Semiconductors PCA9539D Datasheet HTML 18Page - NXP Semiconductors PCA9539D Datasheet HTML 19Page - NXP Semiconductors PCA9539D Datasheet HTML 20Page - NXP Semiconductors PCA9539D Datasheet HTML 21Page - NXP Semiconductors PCA9539D Datasheet HTML 22Page - NXP Semiconductors PCA9539D Datasheet HTML 23Page - NXP Semiconductors PCA9539D Datasheet HTML 24Page - NXP Semiconductors PCA9539D Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
PCA9539_PCA9539R_5
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 05 — 28 July 2008
21 of 31
NXP Semiconductors
PCA9539; PCA9539R
16-bit I2C-bus and SMBus low power I/O port with interrupt and reset
Fig 22. Expanded view of read input port register
Fig 23. Expanded view of write to output port register
Rise and fall times refer to VIL and VIH.
Fig 24. I2C-bus timing diagram
SCL
002aad734
21
0
A
P
70 %
30 %
SDA
input
50 %
INT
tv(INT_N)
trst(INT_N)
th(Q)
tsu(D)
SCL
002aad735
21
0
A
P
70 %
SDA
output
50 %
tv(Q)
SCL
SDA
tHD;STA
tSU;DAT
tHD;DAT
tf
tBUF
tSU;STA
tLOW
tHIGH
tVD;ACK
002aab285
tSU;STO
protocol
START
condition
(S)
bit 7
MSB
(A7)
bit 6
(A6)
bit 1
(D1)
bit 0
(D0)
1 / fSCL
tr
tVD;DAT
acknowledge
(A)
STOP
condition
(P)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com