Electronic Components Datasheet Search
  English  ▼

X  

PCA9549 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCA9549
Description  Octal bus switch with individually I2C-bus controlled enables
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9549 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCA9549 Datasheet HTML 2Page - NXP Semiconductors PCA9549 Datasheet HTML 3Page - NXP Semiconductors PCA9549 Datasheet HTML 4Page - NXP Semiconductors PCA9549 Datasheet HTML 5Page - NXP Semiconductors PCA9549 Datasheet HTML 6Page - NXP Semiconductors PCA9549 Datasheet HTML 7Page - NXP Semiconductors PCA9549 Datasheet HTML 8Page - NXP Semiconductors PCA9549 Datasheet HTML 9Page - NXP Semiconductors PCA9549 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
PCA9549_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 13 July 2009
6 of 25
NXP Semiconductors
PCA9549
Octal bus switch with individually I2C-bus controlled enables
[1]
Several bits can be enabled at the same time. For example, B7 = 0, B6 = 1, B5 = 0, B4 = 0, B3 = 1, B2 = 1,
B1 = 0, B0 = 0, means that bit 8, bit 6, bit 5, bit 2, and bit 1 are disabled and bit 7, bit 4, and bit 3 are
enabled.
6.3 RESET input
The RESET input is an active LOW signal which may be used to recover from a bus fault
condition. By asserting this signal LOW for a minimum of tw(rst)L, the PCA9549 will reset its
registers and I2C-bus state machine and will open all bits. The RESET input must be
connected to VDD through a pull-up resistor.
6.4 Power-on reset
When power is applied to VDD, an internal Power-On Reset (POR) holds the PCA9549 in
a reset state until VDD has reached VPOR. At this point, the reset condition is released and
the PCA9549 registers and I2C-bus state machine are initialized to their default states, all
zeroes causing all the bits to be open (high-impedance state).
6.5 CBT characteristic over VDD range
The bus switch is optimized at 5.0 V but can operate over the entire supply range with
lower Vo(sw) voltage and higher gate resistance.
Table 4.
Control register
Write = channel selection; read = channel status.
B7
B6
B5
B4
B3
B2
B1
B0
Command
XXXXXXX
0
bit 1 disabled
1
bit 1 enabled
XXXXXX
0
X
bit 2 disabled
1
bit 2 enabled
XXXXX
0
XX
bit 3 disabled
1
bit 3 enabled
XXXX
0
XXX
bit 4 disabled
1
bit 4 enabled
XXX
0
XXXX
bit 5 disabled
1
bit 5 enabled
XX
0
XXXXX
bit 6 disabled
1
bit 6 enabled
X
0
XXXXXX
bit 7 disabled
1
bit 7 enabled
0
XXXXXXX
bit 8 disabled
1
bit 8 enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com