Electronic Components Datasheet Search
  English  ▼

X  

PCA9554 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA9554
Description  8-bit I2C-bus and SMBus I/O port with interrupt
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9554 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA9554 Datasheet HTML 1Page - NXP Semiconductors PCA9554 Datasheet HTML 2Page - NXP Semiconductors PCA9554 Datasheet HTML 3Page - NXP Semiconductors PCA9554 Datasheet HTML 4Page - NXP Semiconductors PCA9554 Datasheet HTML 5Page - NXP Semiconductors PCA9554 Datasheet HTML 6Page - NXP Semiconductors PCA9554 Datasheet HTML 7Page - NXP Semiconductors PCA9554 Datasheet HTML 8Page - NXP Semiconductors PCA9554 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
PCA9554_9554A_7
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 07 — 13 November 2006
2 of 30
NXP Semiconductors
PCA9554/PCA9554A
8-bit I2C-bus and SMBus I/O port with interrupt
I ESD protection exceeds 2000 V HBM per JESD22-A114, 200 V MM per
JESD22-A115 and 1000 V CDM per JESD22-C101
I Latch-up testing is done to JEDEC Standard JESD78 which exceeds 100 mA
I Packages offered: DIP16, SO16, SSOP16, SSOP20, TSSOP16,
HVQFN16 (2 versions: 4
× 4 × 0.85 mm and 3 × 3 × 0.85 mm), and bare die
3.
Ordering information
Table 1.
Ordering information
Tamb = −40 °C to +85 °C.
Type number
Topside mark
Package
Name
Description
Version
PCA9554N
PCA9554N
DIP16
plastic dual in-line package; 16 leads (300 mil);
long body
SOT38-1
PCA9554AN
PCA9554AN
PCA9554D
PCA9554D
SO16
plastic small outline package; 16 leads;
body width 7.5 mm
SOT162-1
PCA9554AD
PCA9554AD
PCA9554DB
9554DB
SSOP16
plastic shrink small outline package; 16 leads;
body width 5.3 mm
SOT338-1
PCA9554ADB
9554A
PCA9554TS
PCA9554
SSOP20
plastic shrink small outline package; 20 leads;
body width 4.4 mm
SOT266-1
PCA9554ATS
PA9554A
PCA9554PW
9554DH
TSSOP16
plastic thin shrink small outline package; 16 leads;
body width 4.4 mm
SOT403-1
PCA9554APW
9554ADH
PCA9554BS
9554
HVQFN16
plastic thermal enhanced very thin quad flat package;
no leads; 16 terminals; body 4
× 4 × 0.85 mm
SOT629-1
PCA9554ABS
554A
PCA9554BS3
P54
HVQFN16
plastic thermal enhanced very thin quad flat package;
no leads; 16 terminals; body 3
× 3 × 0.85 mm
SOT758-1
PCA9554ABS3
54A
PCA9554U
-
bare die
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com