Electronic Components Datasheet Search
  English  ▼

X  

PCA9554 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # PCA9554
Description  8-bit I2C-bus and SMBus I/O port with interrupt
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9554 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button PCA9554 Datasheet HTML 22Page - NXP Semiconductors PCA9554 Datasheet HTML 23Page - NXP Semiconductors PCA9554 Datasheet HTML 24Page - NXP Semiconductors PCA9554 Datasheet HTML 25Page - NXP Semiconductors PCA9554 Datasheet HTML 26Page - NXP Semiconductors PCA9554 Datasheet HTML 27Page - NXP Semiconductors PCA9554 Datasheet HTML 28Page - NXP Semiconductors PCA9554 Datasheet HTML 29Page - NXP Semiconductors PCA9554 Datasheet HTML 30Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
PCA9554_9554A_7
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 07 — 13 November 2006
28 of 30
NXP Semiconductors
PCA9554/PCA9554A
8-bit I2C-bus and SMBus I/O port with interrupt
15. Revision history
Table 15.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
PCA9554_9554A_7
20061113
Product data sheet
-
PCA9554_9554A_6
Modifications:
• The format of this data sheet has been redesigned to comply with the new identity guidelines
of NXP Semiconductors.
• Legal texts have been adapted to the new company name where appropriate.
• Added HVQFN16 (SOT758-1) and bare die package offerings
• Pin names I/O0 through I/O7 changed to IO0 through IO7
• Table 2 “Pin description”: added Table note 1 and its reference at HVQFN pin 6 (VSS)
• Symbol (tpv and tPV) changed to tv(Q)
• Symbol (tph and tPH) changed to th(D)
• Symbol (tps and tPS) changed to tsu(D)
• Symbol (tiv and tIV) changed to tv(INT_N)
• Symbol (tir and tIR) changed to trst(INT_N)
• Figure 16 “Typical application” modified (deleted “PCA9554A”)
• Table 8 “Limiting values”:
– Changed parameter description for symbol VI/O from “DC voltage on an I/O” to “voltage on
an input/output pin”
– Changed symbol “II/O, DC output current on an I/O” to “IO(IOn), output current on pin IOn”
– Changed parameter description of ISS from “supply current” to “ground supply current”
• Table 9 “Static characteristics”:
– Symbols “Istbl” and “Istbh” replaced with “Istb”
• Added Section 14 “Abbreviations”
PCA9554_9554A_6
(9397 750 13289)
20040930
Product data
-
PCA9554_9554A_5
PCA9554_9554A_5
(9397 750 10163)
20020726
Product data
853-2243 28672 of
26 July 2002
PCA9554_9554A_4
PCA9554_9554A_4
(9397 750 09817)
20020513
Product specification
-
PCA9554_9554A_3
PCA9554_9554A_3
(9397 750 08342)
20010507
Product specification
-
PCA9554_9554A_2
PCA9554_9554A_2
(9397 750 08209)
20010319
Product specification
-
PCA9554_9554A_1
PCA9554_9554A_1
(9397 750 08159)
20010319
Product specification
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com