Electronic Components Datasheet Search
  English  ▼

X  

PCA9554 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PCA9554
Description  8-bit I2C-bus and SMBus I/O port with interrupt
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9554 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PCA9554 Datasheet HTML 8Page - NXP Semiconductors PCA9554 Datasheet HTML 9Page - NXP Semiconductors PCA9554 Datasheet HTML 10Page - NXP Semiconductors PCA9554 Datasheet HTML 11Page - NXP Semiconductors PCA9554 Datasheet HTML 12Page - NXP Semiconductors PCA9554 Datasheet HTML 13Page - NXP Semiconductors PCA9554 Datasheet HTML 14Page - NXP Semiconductors PCA9554 Datasheet HTML 15Page - NXP Semiconductors PCA9554 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
PCA9554_9554A_7
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 07 — 13 November 2006
12 of 30
NXP Semiconductors
PCA9554/PCA9554A
8-bit I2C-bus and SMBus I/O port with interrupt
7.
Application design-in information
8.
Limiting values
Device address configured as 0100 100X for this example.
IO0, IO1, IO2 configured as outputs.
IO3, IO4, IO5 configured as inputs.
IO6 and IO7 are not used and must be configured as outputs.
Fig 16. Typical application
PCA9554
IO0
IO1
SCL
SDA
VDD
002aac496
SCL
SDA
IO2
IO3
VDD
VSS
MASTER
CONTROLLER
VSS
VDD (5 V)
2 k
Ω
SUBSYSTEM 1
(e.g., temp. sensor)
INT
SUBSYSTEM 2
(e.g., counter)
RESET
controlled switch
(e.g., CBT device)
A
B
enable
INT
INT
10 k
Ω
10 k
Ω
SUBSYSTEM 3
(e.g., alarm system)
ALARM
IO4
IO5
VDD
A2
A1
A0
IO6
IO7
10 k
Ω
10 k
Ω
Table 8.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
−0.5
+6.0
V
II
input current
-
±20
mA
VI/O
voltage on an input/output pin
VSS − 0.5
5.5
V
IO(IOn)
output current on pin IOn
-
±50
mA
IDD
supply current
-
85
mA
ISS
ground supply current
-
100
mA
Ptot
total power dissipation
-
200
mW
Tstg
storage temperature
−65
+150
°C
Tamb
ambient temperature
operating
−40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com