Electronic Components Datasheet Search
  English  ▼

X  

PCA9558PW Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCA9558PW
Description  8-bit I2C-bus and SMBus I/O port with 5-bit multiplexed/1-bit latched 6-bit I2C-bus EEPROM DIP switch and 2-kbit EEPROM
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9558PW Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCA9558PW Datasheet HTML 5Page - NXP Semiconductors PCA9558PW Datasheet HTML 6Page - NXP Semiconductors PCA9558PW Datasheet HTML 7Page - NXP Semiconductors PCA9558PW Datasheet HTML 8Page - NXP Semiconductors PCA9558PW Datasheet HTML 9Page - NXP Semiconductors PCA9558PW Datasheet HTML 10Page - NXP Semiconductors PCA9558PW Datasheet HTML 11Page - NXP Semiconductors PCA9558PW Datasheet HTML 12Page - NXP Semiconductors PCA9558PW Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
PCA9558_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 14 April 2009
9 of 27
NXP Semiconductors
PCA9558
8-bit I2C-bus/SMBus I/O port
7.1.2.2
OP - Output Port register
This register is an output-only port. It reflects the outgoing logic levels of the GPIO defined
as outputs in the IOC register. Bit values in this register have no effect on GPIO defined as
inputs. In turn, reads from this register reflect the value stored in the flip-flop controlling
the output, not the actual output value.
7.1.2.3
PI - Polarity Inversion register
This register enables polarity inversion of GPIO defined as inputs by the IOC register. If a
bit in this register is set to a logic 1, the corresponding GPIO input port is inverted. If a bit
in this register is set to a logic 0, the corresponding GPIO input port is not inverted.
7.1.2.4
IOC - Input/Output Configuration register
This register configures the direction of the GPIO pins (IOx). If a bit is set to a logic 1, the
corresponding port pin is enabled as an input with a high-impedance output driver. If a bit
is set to a logic 0, the corresponding port pin is enabled as an output.
Examples of read/write to these registers can be found in Figure 9, Figure 10, Figure 15,
and Figure 16.
The IO_OUT_LOW input, when held LOW longer than the time Tcy(W), will reset the GPIO
registers to their default (power-up) values.
A read of the present value of the inputs MUX_INx can be done via the I2C-bus. This is
done by addressing the PCA9558 in a write mode and entering the correct command
code. The preset value on the MUX_INx inputs is latched at the command code
Acknowledge. A REPEATED START is then sent with the R/W bit set to a logic 1, read,
and this latched data is read out on the I2C-bus. See Figure 11.
Table 6.
OP - Output Port register description
Bit
7
6
5
4
3
2
1
0
Symbol
O7
O6
O5
O4
O3
O2
O1
O0
Default
00000000
Table 7.
PI - Polarity Inversion register description
Bit
7
6
5
4
3
2
1
0
Symbol
P7
P6
P5
P4
P3
P2
P1
P0
Default
11110000
Table 8.
IOC - Input/Output Configuration register description
Bit
7
6
5
4
3
2
1
0
Symbol
C7
C6
C5
C4
C3
C2
C1
C0
Default
11111111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com