| Electronic Components Datasheet Search |
|
PCA9558PW Datasheet(PDF) 14 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA9558PW Datasheet(HTML) 14 Page - NXP Semiconductors |
|
14 / 27 page ![]() PCA9558_4 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 04 — 14 April 2009 14 of 27 NXP Semiconductors PCA9558 8-bit I2C-bus/SMBus I/O port When the Write Protect (WP) input is a logic 0 it allows writes to both EEPROM arrays. When it is a logic 1, it prevents any writes to the EEPROM arrays. 7.1.4 Reset 7.1.4.1 Power-on reset When power is applied to VDD, an internal Power-On Reset (POR) holds the PCA9558 in a reset state until VDD has reached VPOR. At that point, the reset condition is released and the PCA9558 volatile registers and SMBus state machine will initialize to their default states. The GPIO outputs (IOx) will be selected as outputs. The DIP switch MUX_OUTx and NON_MUXED_OUT pin values depend on: • The MUX_OUT_LOW and MUX_SELECT logic levels • The previously stored values in the EEPROM register/current MUX_INx pin values as shown in Table 4 7.1.4.2 External reset A reset of the GPIO registers can be accomplished by holding the IO_OUT_LOW pin LOW for a minimum of Tcy(W). These GPIO registers return to their default states until the IO_OUT_LOW input is once again HIGH. 7.2 Using the PCA9558 on the SMBus It is possible to use Intel chip sets to communicate with the PCA9558. There are no limitations when the SMBus controller is communicating with the MUX or the GPIO; however, there are limitations with the 2-kbit serial EEPROM. Because of being able to address any location in the EEPROM block using the second command byte, the designer using the PCA9558 on the SMBus will have to program around it, an easy thing to do. The device designers had to deal with the specifics of addressing the EEPROM and chose the I2C-bus specification and use the second command byte to address any location in the EEPROM block. In order to write to the EEPROM, write the EEPROM address byte in the Data0 byte and the data to be sent should be placed in the Data1 byte. The Intel chip set’s Word Data instruction would then send the address, followed by the command register then Data0 See Table 3 for the needed command code. Fig 17. Read from GPIO Input Port register and write to 256-byte EEPROM 00111 A0 0 A S1 START condition R/W acknowledge from slave 002aad381 A acknowledge from slave P slave address STOP condition; programming begins after STOP dummy byte command byte 001001 0 0 xxxxxxx x EEPROM address a6 a5 a4 a3 a2 a1 a0 a7 A acknowledge from slave GPIO input port data latched A acknowledge from slave |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |