Electronic Components Datasheet Search
  English  ▼

X  

PCA9554DB Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCA9554DB
Description  8-bit I2C-bus and SMBus I/O port with interrupt
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9554DB Datasheet(HTML) 5 Page - NXP Semiconductors

  PCA9554DB Datasheet HTML 1Page - NXP Semiconductors PCA9554DB Datasheet HTML 2Page - NXP Semiconductors PCA9554DB Datasheet HTML 3Page - NXP Semiconductors PCA9554DB Datasheet HTML 4Page - NXP Semiconductors PCA9554DB Datasheet HTML 5Page - NXP Semiconductors PCA9554DB Datasheet HTML 6Page - NXP Semiconductors PCA9554DB Datasheet HTML 7Page - NXP Semiconductors PCA9554DB Datasheet HTML 8Page - NXP Semiconductors PCA9554DB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
PCA9554_9554A_7
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 07 — 13 November 2006
5 of 30
NXP Semiconductors
PCA9554/PCA9554A
8-bit I2C-bus and SMBus I/O port with interrupt
Fig 6.
Pin configuration for SSOP20
Fig 7.
Pin configuration for HVQFN16
(SOT629-1)
Fig 8.
Pin configuration for HVQFN16
(SOT758-1)
PCA9554TS
PCA9554ATS
INT
IO7
SCL
IO6
n.c.
n.c.
SDA
IO5
VDD
IO4
A0
VSS
A1
IO3
n.c.
n.c.
A2
IO2
IO0
IO1
002aac489
1
2
3
4
5
6
7
8
9
10
12
11
14
13
16
15
18
17
20
19
002aac490
PCA9554BS
PCA9554ABS
Transparent top view
IO2
IO6
IO1
IO7
IO0
INT
A2
SCL
4
9
3
10
2
11
1
12
terminal 1
index area
002aac491
PCA9554BS3
PCA9554ABS3
Transparent top view
IO2
IO6
IO1
IO7
IO0
A2
SCL
4
9
3
10
2
11
1
12
terminal 1
index area
INT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com