Electronic Components Datasheet Search
  English  ▼

X  

PCA9600DP Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCA9600DP
Description  Dual bidirectional bus buffer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9600DP Datasheet(HTML) 3 Page - NXP Semiconductors

  PCA9600DP Datasheet HTML 1Page - NXP Semiconductors PCA9600DP Datasheet HTML 2Page - NXP Semiconductors PCA9600DP Datasheet HTML 3Page - NXP Semiconductors PCA9600DP Datasheet HTML 4Page - NXP Semiconductors PCA9600DP Datasheet HTML 5Page - NXP Semiconductors PCA9600DP Datasheet HTML 6Page - NXP Semiconductors PCA9600DP Datasheet HTML 7Page - NXP Semiconductors PCA9600DP Datasheet HTML 8Page - NXP Semiconductors PCA9600DP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
PCA9600_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 11 November 2009
3 of 30
NXP Semiconductors
PCA9600
Dual bidirectional bus buffer
6.
Pinning information
6.1 Pinning
6.2 Pin description
7.
Functional description
Refer to Figure 1 “Block diagram of PCA9600”.
The PCA9600 has two identical buffers allowing buffering of SDA and SCL I2C-bus
signals. Each buffer is made up of two logic signal paths, a forward path from the I2C-bus
interface, pins SX and SY which drive the buffered bus, and a reverse signal path from the
buffered bus input, pins RX and RY to drive the I2C-bus interface. These paths:
• sense the voltage state of I2C-bus pins SX (and SY) and transmit this state to pin TX
(and TY respectively), and
• sense the state of pins RX and RY and pull the I2C-bus pin LOW whenever pin RX or
pin RY is LOW.
The rest of this discussion will address only the ‘X’ side of the buffer; the ‘Y’ side is
identical.
The I2C-bus pin SX is specified to allow interfacing with Fast-mode, Fm+ and TTL-based
systems.
Fig 2.
Pin configuration for SO8
Fig 3.
Pin configuration for TSSOP8
(MSOP8)
PCA9600D
SX
VCC
RX
SY
TX
RY
GND
TY
002aac836
1
2
3
4
6
5
8
7
PCA9600DP
SX
VCC
RX
SY
TX
RY
GND
TY
002aac837
1
2
3
4
6
5
8
7
Table 3.
Pin description
Symbol
Pin
Description
SX
1
I2C-bus (SDA or SCL)
RX
2
receive signal
TX
3
transmit signal
GND
4
negative supply voltage
TY
5
transmit signal
RY
6
receive signal
SY
7
I2C-bus (SDA or SCL)
VCC
8
positive supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com