Electronic Components Datasheet Search
  English  ▼

X  

PCA9600DP Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCA9600DP
Description  Dual bidirectional bus buffer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9600DP Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCA9600DP Datasheet HTML 2Page - NXP Semiconductors PCA9600DP Datasheet HTML 3Page - NXP Semiconductors PCA9600DP Datasheet HTML 4Page - NXP Semiconductors PCA9600DP Datasheet HTML 5Page - NXP Semiconductors PCA9600DP Datasheet HTML 6Page - NXP Semiconductors PCA9600DP Datasheet HTML 7Page - NXP Semiconductors PCA9600DP Datasheet HTML 8Page - NXP Semiconductors PCA9600DP Datasheet HTML 9Page - NXP Semiconductors PCA9600DP Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
PCA9600_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 11 November 2009
6 of 30
NXP Semiconductors
PCA9600
Dual bidirectional bus buffer
When the device driving the PCA9600 is an I2C-bus compatible device, then the PCA9600
is an improvement on the P82B96 as shown in Table 4. There will always be exceptions
however, and if the device driving the bus buffer is not I2C-bus compatible (e.g., you need
to use the micro already in the system and bit-bang using two GPIO pins) then here are
some considerations that would point to using the P82B96 instead:
• When the pull-up must be the weakest one possible. The spec is 200
µA for P82B96,
but it typically works even below that. And if designing for a temperature range
−40 °C
up to +60
°C, then the driver when sinking 200 µA only needs to drive a guaranteed
low of 0.55 V. For the PCA9600, over that same temperature range and when sinking
1.3 mA (at
−40 °C), the device driving the bus buffer must provide the required low of
0.425 V.
• When the lower operating temperature range is restricted (say 0
°C). The P82B96
larger SX voltage levels then make a better typical match with the driver, even when
the supply is as low as 3.3 V.
For an I2C-bus compliant driver on 3.3 V the P82B96 is required to guarantee a bus
low that is below 0.83 V. P82B96 guarantees that with a 200
µA pull-up.
• When the operating temperature range is restricted at both limits. An I2C driver's
typical output is well below 0.4 V and the P82B96 typically requires 0.6 V input even
at +60
°C, so there is a reasonable margin. The PCA9600 requires a typical input low
of 0.5 V so its typical margin is smaller. At 0
°C the driver requires a typical input low
of 1.16 V and P82B96 provides 0.75 V, so again the typical margin is already quite big
and even though PCA9600 is better, providing 0.7 V, that difference is not big.
8.
Limiting values
[1]
See also Section 10.2 “Negative undershoot below absolute minimum value”.
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Voltages with respect to pin GND.
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
VCC to GND
−0.3
+18
V
VI2C-bus
I2C-bus voltage
SX and SY;
I2C-bus SDA or SCL
−0.3
+18
V
VO
output voltage
TX and TY;
buffered output
[1]
−0.3
+18
V
VI
input voltage
RX and RY;
receive input
[1]
−0.3
+18
V
II2C-bus
I2C-bus current
SX and SY;
I2C-bus SDA or SCL
-
250
mA
Ptot
total power dissipation
-
300
mW
Tj
junction temperature
operating range
−40
+125
°C
Tstg
storage temperature
−55
+125
°C
Tamb
ambient temperature
operating
−40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com