Electronic Components Datasheet Search
  English  ▼

X  

PCA9600DP Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCA9600DP
Description  Dual bidirectional bus buffer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9600DP Datasheet(HTML) 5 Page - NXP Semiconductors

  PCA9600DP Datasheet HTML 1Page - NXP Semiconductors PCA9600DP Datasheet HTML 2Page - NXP Semiconductors PCA9600DP Datasheet HTML 3Page - NXP Semiconductors PCA9600DP Datasheet HTML 4Page - NXP Semiconductors PCA9600DP Datasheet HTML 5Page - NXP Semiconductors PCA9600DP Datasheet HTML 6Page - NXP Semiconductors PCA9600DP Datasheet HTML 7Page - NXP Semiconductors PCA9600DP Datasheet HTML 8Page - NXP Semiconductors PCA9600DP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
PCA9600_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 11 November 2009
5 of 30
NXP Semiconductors
PCA9600
Dual bidirectional bus buffer
Remark: Two or more SX or SY I/Os must not be interconnected. The PCA9600 design
does not support this configuration. Bidirectional I2C-bus signals do not allow any
direction control pin so, instead, slightly different logic LOW voltage levels are used at
SX/SY to avoid latching of this buffer. A ‘regular I2C-bus LOW’ applied at the RX/RY of a
PCA9600 will be propagated to SX/SY as a ‘buffered LOW’ with a slightly higher voltage
level. If this special ‘buffered LOW’ is applied to the SX/SY of another PCA9600, that
second PCA9600 will not recognize it as a ‘regular I2C-bus LOW’ and will not propagate it
to its TX/TY output. The SX/SY side of PCA9600 may not be connected to similar buffers
that rely on special logic thresholds for their operation, for example P82B96, PCA9511A,
PCA9515A, ‘B’ side of PCA9517, etc. The SX/SY side is only intended for, and compatible
with, the normal I2C-bus logic voltage levels of I2C-bus master and slave chips, or even
TX/RX signals of a second PCA9600 or P82B96 if required. The TX/RX and TY/RY I/O
pins use the standard I2C-bus logic voltage levels of all I2C-bus parts. There are no
restrictions on the interconnection of the TX/RX and TY/RY I/O pins to other PCA9600s,
for example in a star or multipoint configuration with the TX/RX and TY/RY I/O pins on the
common bus and the SX/SY side connected to the line card slave devices. For more
details see
Application Note AN10658, “Sending I2C-bus signals via long communication
cables”.
The PCA9600 is a direct upgrade of the P82B96 with the significant differences
summarized in Table 4.
Table 4.
PCA9600 versus P82B96
Detail
PCA9600
P82B96
Supply voltage (VCC) range:
2.5 V to 15 V
2 V to 15 V
Maximum operating bus voltage
(independent of VCC):
15 V
15 V
Typical operating supply current:
5 mA
1 mA
Typical LOW-level input voltage on I2C-bus
(SX/SY side):
0.5 V over
−40 °C to +85 °C
0.65 V at 25
°C
LOW-level output voltage on I2C-bus
(SX/SY side; 3 mA sink):
0.74 V (max.) over
−40 °C to +85 °C 0.88 V (typ.) at 25 °C
LOW-level output voltage on Fm+ I2C-bus
(SX/SY side; 7 mA sink):
1 V (max.)
n/a
Temperature coefficient of VIL /VOL:
0 mV/
°C
−2 mV/°C
Logic voltage levels on SX/SY bus
(independent of VCC):
compatible with I2C-bus and similar
buses using TTL levels (SMBus, etc.)
compatible with I2C-bus and similar
buses using TTL levels (SMBus, etc.)
Typical propagation delays:
< 100 ns
< 200 ns
TX/RX switching specifications (I2C-bus
compliant):
yes, all classes including 1 MHz Fm+ yes, all classes including Fm+
RX logic levels with tighter control than
I2C-bus limit of 30 % to 70 %:
yes, 40 % to 55 % (48 % nominal)
yes, 42 % to 58 % (50 % nominal)
Maximum bus speed:
> 1 MHz
> 400 kHz
ESD rating HBM per JESD22-A114:
> 4500 V
> 3500 V
Package:
SO8, TSSOP8 (MSOP8)
DIP8, SO8, TSSOP8 (MSOP8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com