Electronic Components Datasheet Search
  English  ▼

X  

PCA9632DP2 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCA9632DP2
Description  4-bit Fm I2C-bus low power LED driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9632DP2 Datasheet(HTML) 5 Page - NXP Semiconductors

  PCA9632DP2 Datasheet HTML 1Page - NXP Semiconductors PCA9632DP2 Datasheet HTML 2Page - NXP Semiconductors PCA9632DP2 Datasheet HTML 3Page - NXP Semiconductors PCA9632DP2 Datasheet HTML 4Page - NXP Semiconductors PCA9632DP2 Datasheet HTML 5Page - NXP Semiconductors PCA9632DP2 Datasheet HTML 6Page - NXP Semiconductors PCA9632DP2 Datasheet HTML 7Page - NXP Semiconductors PCA9632DP2 Datasheet HTML 8Page - NXP Semiconductors PCA9632DP2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
PCA9632_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 15 July 2008
5 of 38
NXP Semiconductors
PCA9632
4-bit Fm+ I2C-bus low power LED driver
6.
Pinning information
6.1 Pinning
6.2 Pin description
[1]
HVSON8 package die supply ground is connected to both the VSS pin and the exposed center pad. The
VSS pin must be connected to supply ground for proper device operation. For enhanced thermal, electrical,
and board-level performance, the exposed pad needs to be soldered to the board using a corresponding
thermal pad on the board, and for proper heat conduction through the board thermal vias need to be
incorporated in the PCB in the thermal pad region.
Fig 2.
Pin configuration for TSSOP8
Fig 3.
Pin configuration for TSSOP10
Fig 4.
Pin configuration for HVSON8
Fig 5.
Pin configuration for HVSON10
PCA9632DP1
LED0
VDD
LED1
SDA
LED2
SCL
LED3
VSS
002aad040
1
2
3
4
6
5
8
7
PCA9632DP2
LED0
VDD
LED1
SDA
LED2
SCL
LED3
A1
A0
VSS
002aad637
1
2
3
4
5
6
8
7
10
9
002aad041
PCA9632TK
VSS
LED2
LED3
SCL
LED1
SDA
LED0
VDD
Transparent top view
4
5
3
6
2
7
1
8
terminal 1
index area
002aad638
PCA9632TK2
VSS
LED3
A0
A1
LED2
SCL
LED1
SDA
LED0
VDD
Transparent top view
5
6
4
7
3
8
2
9
1
10
terminal 1
index area
Table 2.
Pin description for TSSOP8 and HVSON8
Symbol
Pin
Type
Description
LED0
1
O
LED driver 0
LED1
2
O
LED driver 1
LED2
3
O
LED driver 2
LED3
4
O
LED driver 3
VSS
5[1]
power supply
supply ground
SCL
6
I
serial clock line
SDA
7
I/O
serial data line
VDD
8
power supply
supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com