Electronic Components Datasheet Search
  English  ▼

X  

PCA9632DP2 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # PCA9632DP2
Description  4-bit Fm I2C-bus low power LED driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9632DP2 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button PCA9632DP2 Datasheet HTML 10Page - NXP Semiconductors PCA9632DP2 Datasheet HTML 11Page - NXP Semiconductors PCA9632DP2 Datasheet HTML 12Page - NXP Semiconductors PCA9632DP2 Datasheet HTML 13Page - NXP Semiconductors PCA9632DP2 Datasheet HTML 14Page - NXP Semiconductors PCA9632DP2 Datasheet HTML 15Page - NXP Semiconductors PCA9632DP2 Datasheet HTML 16Page - NXP Semiconductors PCA9632DP2 Datasheet HTML 17Page - NXP Semiconductors PCA9632DP2 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
PCA9632_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 15 July 2008
14 of 38
NXP Semiconductors
PCA9632
4-bit Fm+ I2C-bus low power LED driver
7.3.5 Group frequency, GRPFREQ
GRPFREQ is used to program the global blinking period when DMBLNK bit (MODE2
register) is equal to logic 1. Value in this register is a ‘don’t care’ when DMBLNK = 0.
Applicable to LED outputs programmed with LDRx = 11 (LEDOUT register).
Blinking period is controlled through 256 linear steps from 00h (41 ms, frequency 24 Hz)
to FFh (10.73 seconds).
(7)
7.3.6 LED driver output state, LEDOUT
LDRx = 00 — LED driver x is off (default power-up state).
LDRx = 01 — LED driver x is fully on (individual brightness and group dimming/blinking
not controlled).
LDRx = 10 — LED driver x individual brightness can be controlled through its PWMx
register.
LDRx = 11 — LED driver x individual brightness and group dimming/blinking can be
controlled through its PWMx register and the GRPPWM registers.
7.3.7 I2C-bus subaddress 1 to 3, SUBADRx
Subaddresses are programmable through the I2C-bus. Default power-up values are E2h,
E4h, E8h, and the device(s) will not acknowledge these addresses right after power-up
(the corresponding SUBx bit in MODE1 register is equal to logic 0).
Table 10.
GRPFREQ - Group frequency register (address 07h) bit description
Legend: * default value.
Address
Register
Bit
Symbol
Access
Value
Description
07h
GRPFREQ
7:0
GFRQ[7:0]
R/W
0000 0000*
GRPFREQ register
global blinking period
GFRQ 7:0
[] 1
+
24
---------------------------------------- in
onds
sec
()
=
Table 11.
LEDOUT - LED driver output state register (address 08h) bit description
Legend: * default value.
Address
Register
Bit
Symbol
Access
Value
Description
08h
LEDOUT
7:6
LDR3
R/W
00*
LED3 output state control
5:4
LDR2
R/W
00*
LED2 output state control
3:2
LDR1
R/W
00*
LED1 output state control
1:0
LDR0
R/W
00*
LED0 output state control
Table 12.
SUBADR1 to SUBADR3 - I2C-bus subaddress registers 0 to 3 (address 09h to
0Bh) bit description
Legend: * default value.
Address
Register
Bit
Symbol
Access
Value
Description
09h
SUBADR1
7:1
A1[7:1]
R/W
1110 001*
I2C-bus subaddress 1
0
A1[0]
R only
0*
reserved
0Ah
SUBADR2
7:1
A2[7:1]
R/W
1110 010*
I2C-bus subaddress 2
0
A2[0]
R only
0*
reserved
0Bh
SUBADR3
7:1
A3[7:1]
R/W
1110 100*
I2C-bus subaddress 3
0
A3[0]
R only
0*
reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com