Electronic Components Datasheet Search
  English  ▼

X  

LVR012K Datasheet(PDF) 1 Page - Tyco Electronics

Part # LVR012K
Description  PolySwitch Resettable Devices Line-Voltage-Rated Devices
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

LVR012K Datasheet(HTML) 1 Page - Tyco Electronics

  LVR012K Datasheet HTML 1Page - Tyco Electronics LVR012K Datasheet HTML 2Page - Tyco Electronics LVR012K Datasheet HTML 3Page - Tyco Electronics LVR012K Datasheet HTML 4Page - Tyco Electronics LVR012K Datasheet HTML 5Page - Tyco Electronics LVR012K Datasheet HTML 6Page - Tyco Electronics LVR012K Datasheet HTML 7Page - Tyco Electronics LVR012K Datasheet HTML 8Page - Tyco Electronics LVR012K Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
139
PolySwitch LVR devices help protect electric motors and
transformers used in commercial and home appliances
from
damage
caused
by
mechanical
overloads,
overheating, stall, lost neutral and other potentially
harmful conditions.
The LVR line-voltage product line of polymeric positive
temperature
coefficient
(PPTC)
devices
includes
components that are rated for line voltages of 120V
AC
and 240V
AC, for up to 2A of operating current at 20°C.
They help protect against damage caused by both
overcurrent surges and overtemperature faults, offer low
resistance, and are compatibly sized with fuse solutions.
Unlike traditional fuses, PolySwitch devices do not
require replacement after a fault event. After power has
been removed and the overcurrent condition eliminated,
the circuit is restored to normal operating condition.
Compared
to
bimetal
breakers,
they
offer
greater
flexibility, longer lifespan, and lower electromagnetic
interference (EMI).
The PolySwitch LVR devices’ resettable functionality and latching attributes make them a reliable, cost-effective
circuit protection solution for both intermittent- and continuous-operation motor applications. Their low resistance,
fast time-to-trip, and low profile help circuit designers provide a safe and dependable product, comply with
regulatory agency requirements, and reduce warranty repair costs.
LVR/LVRL series are suitable for line-voltage applications up to a continuous operating voltage of 240V
AC/120VAC.
RoHS versions of all products are available.
• Many product choices give engineers more design
flexibility
• Compatible with high-volume electronics assembly
• Assist in meeting regulatory requirements
• Higher voltage ratings allow use in new applications
• RoHS compliant
• Broadest range of radial-leaded resettable devices
available in the industry
• Current ratings from 50mA to 2A
• Line voltage rating of 120V
AC and 240VAC
• Agency recognition : UL, CSA, TÜV
• Fast time-to-trip
• Low resistance
• Electromagnetic loads
• Game machines
• Industrial controls
• Lighting ballast
• Loudspeakers
PolySwitch Resettable Devices
Line-Voltage-Rated Devices
Benefits
Features
Applications
• Medical equipment
• Motors, fans and blowers
• POS equipment
• Satellite video receivers
• Security and fire alarm systems
• Test and measurement equipment
• Transformers
• USB hubs, ports and peripherals
10


Similar Part No. - LVR012K

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
LVR012K MACOM-LVR012K Datasheet
570Kb / 18P
PolySwitch??Resettable Device Short Form Catalog
LVR012K MACOM-LVR012K Datasheet
408Kb / 27P
PolySwitch Resettable Devices
LVR012K MACOM-LVR012K Datasheet
219Kb / 10P
PolySwitch Resettable Devices Line-Voltage-Rated Devices
logo
Littelfuse
LVR012K LITTELFUSE-LVR012K Datasheet
361Kb / 3P
PolySwitch PTC Devices
LVR012K LITTELFUSE-LVR012K Datasheet
708Kb / 10P
PolySwitch® Resettable PPTCs Line-Voltage-Rated Devices
Revised: GD. 12/20/20
More results

Similar Description - LVR012K

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AGRF400 MACOM-AGRF400 Datasheet
322Kb / 22P
PolySwitch Resettable Devices Automotive Devices
LVR005 MACOM-LVR005 Datasheet
408Kb / 27P
PolySwitch Resettable Devices
C16844-000 MACOM-C16844-000 Datasheet
331Kb / 28P
PolySwitch Resettable Devices
NANOASMDC035F-2 MACOM-NANOASMDC035F-2 Datasheet
283Kb / 26P
PolySwitch Resettable Devices
LVR008N MACOM-LVR008N Datasheet
219Kb / 10P
PolySwitch Resettable Devices Line-Voltage-Rated Devices
MINISMDC300F-2 MACOM-MINISMDC300F-2 Datasheet
278Kb / 20P
PolySwitch Resettable Devices
RF1636-000 MACOM-RF1636-000 Datasheet
289Kb / 26P
PolySwitch Resettable Devices
RF2636-000 MACOM-RF2636-000 Datasheet
303Kb / 28P
PolySwitch Resettable Devices
RUEF300K MACOM-RUEF300K Datasheet
1Mb / 28P
PolySwitch Resettable Devices
logo
Littelfuse
MINISMDC260F LITTELFUSE-MINISMDC260F Datasheet
325Kb / 2P
PolySwitch Resettable Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com