Electronic Components Datasheet Search
  English  ▼

X  

LVR012K Datasheet(PDF) 4 Page - Tyco Electronics

Part # LVR012K
Description  PolySwitch Resettable Devices Line-Voltage-Rated Devices
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

LVR012K Datasheet(HTML) 4 Page - Tyco Electronics

  LVR012K Datasheet HTML 1Page - Tyco Electronics LVR012K Datasheet HTML 2Page - Tyco Electronics LVR012K Datasheet HTML 3Page - Tyco Electronics LVR012K Datasheet HTML 4Page - Tyco Electronics LVR012K Datasheet HTML 5Page - Tyco Electronics LVR012K Datasheet HTML 6Page - Tyco Electronics LVR012K Datasheet HTML 7Page - Tyco Electronics LVR012K Datasheet HTML 8Page - Tyco Electronics LVR012K Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
142
RoHS Compliant, ELV Compliant
10
B
D
A
C
C to
L
C
L
E
Figure L2
B
D
C
C to
L
C
L
A
E
Figure L3
B
D
C
C to
L
C
L
A
E
Figure L4
E
A
B
D
C
C to
L
C
L
Figure L5
Warning : Application Limitations for the LVR Product Line
1) Users should independently evaluate the suitability of and test each product selected for their own application.
2) This product should not be used in an application where the maximum interrupt voltage or maximum interrupt current can be exceeded
in a fault condition. Operation beyond the maximum ratings or improper use may result in device damage and possible electrical arcing
and flame.
3) A PPTC device is not a fuse - it is a nonlinear thermistor that limits current. Under a fault condition all PPTC devices go into a high resistance
state but do not open circuit, so hazardous voltage may be present at PPTC locations.
4) The devices are intended for protection against damage caused by occasional overcurrent or overtemperature fault conditions and should
not be used when repeated fault conditions or prolonged trip events are anticipated.
5) In most applications power must be removed and the fault condition cleared in order to reset a PPTC device; however under certain
unusual conditions, a PPTC device may automatically reset. PPTC devices should not be used in an application where an automatic reset
could create a safety hazard, such as garbage disposals and blenders. Appropriate qualification testing should be performed.
6) It is the responsibility of the user to determine the need for back up or failsafe protection to prevent damage that may occur in the event
of abnormal function or failure of the PPTC device.
7) Operation in circuits with a large inductance can generate a circuit voltage (Ldi/dt) above the rated voltage of a PPTC device.This product should
not be used in an application where the maximum interrupt voltage or maximum interrupt current can be exceeded by inductive spikes.
8) Devices are not recommended for reflow soldering.
9) Device performance can be impacted negatively if devices are handled in a manner inconsistent with recommended electronic, thermal,
or mechanical procedures for electronic components.
10) PPTC devices are not recommended for installation in applications where the device is constrained such that its PTC properties are
inhibited, for example in rigid potting materials or in rigid housings, which lack adequate clearance to accommodate device expansion.
11) Contamination of the PPTC material with certain silicone-based oils or some aggressive solvents can adversely impact the performance
of the devices.
Figure L2-L5 Dimension Figures for LVR Devices



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com