Electronic Components Datasheet Search
  English  ▼

X  

LVR012K Datasheet(PDF) 2 Page - Tyco Electronics

Part # LVR012K
Description  PolySwitch Resettable Devices Line-Voltage-Rated Devices
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

LVR012K Datasheet(HTML) 2 Page - Tyco Electronics

  LVR012K Datasheet HTML 1Page - Tyco Electronics LVR012K Datasheet HTML 2Page - Tyco Electronics LVR012K Datasheet HTML 3Page - Tyco Electronics LVR012K Datasheet HTML 4Page - Tyco Electronics LVR012K Datasheet HTML 5Page - Tyco Electronics LVR012K Datasheet HTML 6Page - Tyco Electronics LVR012K Datasheet HTML 7Page - Tyco Electronics LVR012K Datasheet HTML 8Page - Tyco Electronics LVR012K Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
140
RoHS Compliant, ELV Compliant
10
Maximum Ambient Temperature
Part Number
-20°C
0°C
20°C
25°C
40°C
50°C
60°C
70°C
85°C
LVR/LVRL
LVR005N
0.08
0.06
0.05
0.05
0.04
0.04
0.03
0.03
0.02
LVR008N
0.12
0.10
0.08
0.08
0.07
0.06
0.05
0.04
0.03
LVR012
0.18
0.15
0.12
0.12
0.10
0.09
0.07
0.06
0.04
LVR016
0.24
0.20
0.16
0.16
0.13
0.11
0.10
0.08
0.05
LVR025
0.38
0.32
0.25
0.25
0.21
0.18
0.15
0.13
0.09
LVR033
0.50
0.42
0.33
0.33
0.27
0.23
0.20
0.17
0.11
LVR040
0.61
0.51
0.40
0.40
0.33
0.28
0.24
0.20
0.14
LVR055
0.80
0.68
0.55
0.54
0.46
0.40
0.35
0.29
0.22
LVR075
1.23
0.98
0.75
0.74
0.60
0.56
0.49
0.45
0.41
LVR100
1.65
1.30
1.00
0.94
0.80
0.75
0.65
0.60
0.55
LVR125
2.06
1.63
1.25
1.20
1.00
0.94
0.81
0.75
0.69
LVR200
3.30
2.60
2.00
1.97
1.60
1.50
1.30
1.20
1.10
LVRL075
1.08
0.93
0.75
0.74
0.64
0.57
0.51
0.44
0.35
LVRL100
1.40
1.19
1.00
0.94
0.82
0.73
0.65
0.57
0.45
LVRL125
1.80
1.53
1.25
1.20
1.04
0.94
0.83
0.73
0.60
LVRL135
2.00
1.65
1.35
1.29
1.12
1.01
0.90
0.78
0.65
LVRL200
3.05
2.55
2.00
1.97
1.72
1.55
1.39
1.22
0.98
Hold Current (A)
0.050
25.00
Ω
—
0.080
9.800
Ω
—
0.120
4.800
Ω
—
0.160
3.400
Ω
—
0.250
1.700
Ω
—
0.330
1.000
Ω
—
0.400
0.800
Ω
—
0.550
0.590
Ω
—
0.750
0.400
Ω
0.325
Ω
1.000
0.276
Ω
0.224
Ω
1.250
0.209
Ω
0.148
Ω
1.350
—
0.138
Ω
2.000
0.110
Ω
0.097
Ω
Voltage Rating
LVR
240VAC / 120VAC
LVRL
120VAC
Ambient Temperature (˚C)
180
170
160
150
140
130
120
110
100
90
80
70
60
50
40
30
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
A
A
B
B
C
C
Figure L1
A=
LVR075-LVR200
B=
LVRL075-LVRL200
C=
LVR005N-LVR055
Table L1 Product Series - Current Rating, Voltage Rating / Typical Resistance for LVR Devices
Table L2 Thermal Derating for LVR Devices [Hold Current (A) at Ambient Temperature (°C)]
Figure L1 Thermal Derating Curve for LVR Devices



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com