Electronic Components Datasheet Search
  English  ▼

X  

PUMH15 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PUMH15
Description  NPN/NPN resistor-equipped transistors; R1 = 4.7 k廓, R2 = 4.7 k廓
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PUMH15 Datasheet(HTML) 6 Page - NXP Semiconductors

  PUMH15 Datasheet HTML 1Page - NXP Semiconductors PUMH15 Datasheet HTML 2Page - NXP Semiconductors PUMH15 Datasheet HTML 3Page - NXP Semiconductors PUMH15 Datasheet HTML 4Page - NXP Semiconductors PUMH15 Datasheet HTML 5Page - NXP Semiconductors PUMH15 Datasheet HTML 6Page - NXP Semiconductors PUMH15 Datasheet HTML 7Page - NXP Semiconductors PUMH15 Datasheet HTML 8Page - NXP Semiconductors PUMH15 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
PEMH15_PUMH15_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 15 November 2009
6 of 9
NXP Semiconductors
PEMH15; PUMH15
NPN/NPN resistor-equipped transistors; R1 = 4.7 k
Ω, R2 = 4.7 kΩ
8.
Package outline
9.
Packing information
[1]
For further information and the availability of packing methods, see Section 12.
[2]
T1: normal taping
[3]
T2: reverse taping
Fig 5.
Package outline SOT363 (SC-88)
Fig 6.
Package outline SOT666
06-03-16
Dimensions in mm
0.25
0.10
0.3
0.2
pin 1
index
1.3
0.65
2.2
2.0
1.35
1.15
2.2
1.8
1.1
0.8
0.45
0.15
13
2
4
65
Dimensions in mm
04-11-08
1.7
1.5
1.7
1.5
1.3
1.1
1
0.18
0.08
0.27
0.17
0.5
pin 1 index
12
3
4
5
6
0.6
0.5
0.3
0.1
Table 9.
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code.[1]
Type number Package
Description
Packing quantity
3000
4000
8000
10000
PEMH15
SOT666
2 mm pitch, 8 mm tape and reel
-
-
-315
-
4 mm pitch, 8 mm tape and reel
-
-115
-
-
PUMH15
SOT363
4 mm pitch, 8 mm tape and reel; T1
[2] -115
-
-
-135
4 mm pitch, 8 mm tape and reel; T2
[3] -125
-
-
-165



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com