Electronic Components Datasheet Search
  English  ▼

X  

PUMH15 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PUMH15
Description  NPN/NPN resistor-equipped transistors; R1 = 4.7 k廓, R2 = 4.7 k廓
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PUMH15 Datasheet(HTML) 7 Page - NXP Semiconductors

  PUMH15 Datasheet HTML 1Page - NXP Semiconductors PUMH15 Datasheet HTML 2Page - NXP Semiconductors PUMH15 Datasheet HTML 3Page - NXP Semiconductors PUMH15 Datasheet HTML 4Page - NXP Semiconductors PUMH15 Datasheet HTML 5Page - NXP Semiconductors PUMH15 Datasheet HTML 6Page - NXP Semiconductors PUMH15 Datasheet HTML 7Page - NXP Semiconductors PUMH15 Datasheet HTML 8Page - NXP Semiconductors PUMH15 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
PEMH15_PUMH15_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 15 November 2009
7 of 9
NXP Semiconductors
PEMH15; PUMH15
NPN/NPN resistor-equipped transistors; R1 = 4.7 k
Ω, R2 = 4.7 kΩ
10. Revision history
Table 10.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
PEMH15_PUMH15_4
20091115
Product data sheet
-
PEMH15_PUMH15_3
Modifications:
• This data sheet was changed to reflect the new company name NXP Semiconductors,
including new legal definitions and disclaimers. No changes were made to the technical
content.
• Figure 5 “Package outline SOT363 (SC-88)”: updated
PEMH15_PUMH15_3
20050211
Product data sheet
-
PUMH15_2
PUMH15_2
20040414
Product specification
-
PUMH15_1
PUMH15_1
20031009
Product specification
-
-



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com