Electronic Components Datasheet Search
  English  ▼

X  

PESD5ZX Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PESD5ZX
Description  Low capacitance unidirectional ESD protection diodes
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PESD5ZX Datasheet(HTML) 2 Page - NXP Semiconductors

  PESD5ZX Datasheet HTML 1Page - NXP Semiconductors PESD5ZX Datasheet HTML 2Page - NXP Semiconductors PESD5ZX Datasheet HTML 3Page - NXP Semiconductors PESD5ZX Datasheet HTML 4Page - NXP Semiconductors PESD5ZX Datasheet HTML 5Page - NXP Semiconductors PESD5ZX Datasheet HTML 6Page - NXP Semiconductors PESD5ZX Datasheet HTML 7Page - NXP Semiconductors PESD5ZX Datasheet HTML 8Page - NXP Semiconductors PESD5ZX Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
PESD5ZX_SER_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 4 April 2008
2 of 17
NXP Semiconductors
PESD5Zx series
Low capacitance unidirectional ESD protection diodes
1.4 Quick reference data
2.
Pinning information
[1]
The marking bar indicates the cathode.
3.
Ordering information
Table 2.
Quick reference data
Tamb =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per diode
VRWM
reverse standoff voltage
PESD5Z2.5
-
-
2.5
V
PESD5Z3.3
-
-
3.3
V
PESD5Z5.0
-
-
5.0
V
PESD5Z6.0
-
-
6.0
V
PESD5Z7.0
-
-
7.0
V
PESD5Z12
-
-
12.0
V
Cd
diode capacitance
f = 1 MHz; VR =0V
PESD5Z2.5
-
229
300
pF
PESD5Z3.3
-
172
200
pF
PESD5Z5.0
-
89
150
pF
PESD5Z6.0
-
78
150
pF
PESD5Z7.0
-
69
150
pF
PESD5Z12
-
35
75
pF
Table 3.
Pinning
Pin
Description
Simplified outline
Symbol
1
cathode
[1]
2
anode
2
1
006aaa152
2
1
Table 4.
Ordering information
Type number
Package
Name
Description
Version
PESD5Z2.5
SC-79
plastic surface-mounted package; 2 leads
SOD523
PESD5Z3.3
PESD5Z5.0
PESD5Z6.0
PESD5Z7.0
PESD5Z12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com