Electronic Components Datasheet Search
  English  ▼

X  

PESD5ZX Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PESD5ZX
Description  Low capacitance unidirectional ESD protection diodes
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PESD5ZX Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PESD5ZX Datasheet HTML 4Page - NXP Semiconductors PESD5ZX Datasheet HTML 5Page - NXP Semiconductors PESD5ZX Datasheet HTML 6Page - NXP Semiconductors PESD5ZX Datasheet HTML 7Page - NXP Semiconductors PESD5ZX Datasheet HTML 8Page - NXP Semiconductors PESD5ZX Datasheet HTML 9Page - NXP Semiconductors PESD5ZX Datasheet HTML 10Page - NXP Semiconductors PESD5ZX Datasheet HTML 11Page - NXP Semiconductors PESD5ZX Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
PESD5ZX_SER_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 4 April 2008
8 of 17
NXP Semiconductors
PESD5Zx series
Low capacitance unidirectional ESD protection diodes
Fig 9.
ESD clamping test setup and waveforms for PESD5Z2.5
006aab060
50
Ω
RZ
CZ
DUT
(DEVICE
UNDER
TEST)
GND
450
Ω
RG 223/U
50
Ω coax
ESD TESTER
acc. to IEC 61000-4-2
CZ = 150 pF; RZ = 330 Ω
4 GHz DIGITAL
OSCILLOSCOPE
10
×
ATTENUATOR
GND
unclamped +8 kV ESD pulse waveform
(IEC 61000-4-2 network)
clamped
−8 kV ESD pulse waveform
(IEC 61000-4-2 network)
vertical scale = 10 A/div
horizontal scale = 15 ns/div
vertical scale = 20 V/div
horizontal scale = 100 ns/div
GND
unclamped
−8 kV ESD pulse waveform
(IEC 61000-4-2 network)
vertical scale = 10 A/div
horizontal scale = 15 ns/div
GND
clamped +8 kV ESD pulse waveform
(IEC 61000-4-2 network)
vertical scale = 20 V/div
horizontal scale = 100 ns/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com