Electronic Components Datasheet Search
  English  ▼

X  

PESD5ZX Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PESD5ZX
Description  Low capacitance unidirectional ESD protection diodes
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PESD5ZX Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PESD5ZX Datasheet HTML 9Page - NXP Semiconductors PESD5ZX Datasheet HTML 10Page - NXP Semiconductors PESD5ZX Datasheet HTML 11Page - NXP Semiconductors PESD5ZX Datasheet HTML 12Page - NXP Semiconductors PESD5ZX Datasheet HTML 13Page - NXP Semiconductors PESD5ZX Datasheet HTML 14Page - NXP Semiconductors PESD5ZX Datasheet HTML 15Page - NXP Semiconductors PESD5ZX Datasheet HTML 16Page - NXP Semiconductors PESD5ZX Datasheet HTML 17Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
PESD5ZX_SER_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 4 April 2008
13 of 17
NXP Semiconductors
PESD5Zx series
Low capacitance unidirectional ESD protection diodes
8.
Package outline
9.
Packing information
[1]
For further information and the availability of packing methods, see Section 13.
Fig 21. Package outline SOD523 (SC-79)
02-12-13
Dimensions in mm
1.65
1.55
1.25
1.15
0.17
0.11
0.34
0.26
0.65
0.58
0.85
0.75
1
2
Table 10.
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code.[1]
Type number
Package
Description
Packing quantity
3000
8000
10000
PESD5Z2.5
SOD523
2 mm pitch, 8 mm tape and reel
-
-315
-
4 mm pitch, 8 mm tape and reel
-115
-
-135
PESD5Z3.3
SOD523
2 mm pitch, 8 mm tape and reel
-
-315
-
4 mm pitch, 8 mm tape and reel
-115
-
-135
PESD5Z5.0
SOD523
2 mm pitch, 8 mm tape and reel
-
-315
-
4 mm pitch, 8 mm tape and reel
-115
-
-135
PESD5Z6.0
SOD523
2 mm pitch, 8 mm tape and reel
-
-315
-
4 mm pitch, 8 mm tape and reel
-115
-
-135
PESD5Z7.0
SOD523
2 mm pitch, 8 mm tape and reel
-
-315
-
4 mm pitch, 8 mm tape and reel
-115
-
-135
PESD5Z12
SOD523
2 mm pitch, 8 mm tape and reel
-
-315
-
4 mm pitch, 8 mm tape and reel
-115
-
-135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com