Electronic Components Datasheet Search
  English  ▼

X  

ZXCM209 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZXCM209
Description  VERY LOW POWER MICROPROCESSOR RESET DEVICES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXCM209 Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZXCM209 Datasheet HTML 1Page - Zetex Semiconductors ZXCM209 Datasheet HTML 2Page - Zetex Semiconductors ZXCM209 Datasheet HTML 3Page - Zetex Semiconductors ZXCM209 Datasheet HTML 4Page - Zetex Semiconductors ZXCM209 Datasheet HTML 5Page - Zetex Semiconductors ZXCM209 Datasheet HTML 6Page - Zetex Semiconductors ZXCM209 Datasheet HTML 7Page - Zetex Semiconductors ZXCM209 Datasheet HTML 8Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ZXCM209
ZXCM210
ABSOLUTE MAXIMUM RATINGS
Terminal Voltage with respect to G
ND
V
CC
-0.3V to 7.0V
RESET, RESET
-0.3V to (V
CC + 0.3V)
Input Current, V
CC
20mA
Output Current
20mA
Rate of Rise, V
CC
250V/µs
Continuous Power Dissipation
500mW
Operating Temperature Range
-55°C to +125°C
Storage Temperature Range
-65°C to +150°C
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
TEST CONDITIONS (unless otherwise stated) V
CC = full range, TA = -55°C to +125°C
SYMBOL
PARAMETER
CONDITIONS
LIMITS
UNITS
MIN
TYP
MAX
VR
VCC Range
TA=0° to 70°C
TA=-55° to 125°C
1.0
1.2
5.5
5.5
V
V
ICC
Supply Current
2
5
µA
VTH
Reset Threshold
Suffix L; TA=25°C
4.58
4.63
4.68
V
Suffix M; TA=25°C
4.34
4.38
4.42
V
Suffix J; TA=25°C
3.96
4.00
4.04
V
Suffix T; TA=25°C
3.05
3.08
3.11
V
Suffix S; TA=25°C
2.90
2.93
2.96
V
Suffix R; TA=25°C
2.60
2.63
2.66
V
VTHT
Reset Threshold
Tolerance
TA=25°C
TA=-55° to 125°C
1
5
%
%
∆V
TH/°C
Reset Threshold Temp.
Coefficient
50
ppm/°C
VD
VCC to Reset Delay
30
µs
VTO
Reset Active Timeout
Period
140
560
ms
2
2
ISSUE 3 - FEBUARY 2001



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com