Electronic Components Datasheet Search
  English  ▼

X  

ZXCM209 Datasheet(PDF) 7 Page - Zetex Semiconductors

Part # ZXCM209
Description  VERY LOW POWER MICROPROCESSOR RESET DEVICES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXCM209 Datasheet(HTML) 7 Page - Zetex Semiconductors

  ZXCM209 Datasheet HTML 1Page - Zetex Semiconductors ZXCM209 Datasheet HTML 2Page - Zetex Semiconductors ZXCM209 Datasheet HTML 3Page - Zetex Semiconductors ZXCM209 Datasheet HTML 4Page - Zetex Semiconductors ZXCM209 Datasheet HTML 5Page - Zetex Semiconductors ZXCM209 Datasheet HTML 6Page - Zetex Semiconductors ZXCM209 Datasheet HTML 7Page - Zetex Semiconductors ZXCM209 Datasheet HTML 8Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
ISSUE 3 - FEBRUARY 2001
ZXCM209
ZXCM210
ORDERING INFORMATION
PART NUMBER
TEMPERATURE RANGE
PACKAGE
RESET OUTPUT
ZXCM209xF
-55 to 125°C
SOT23
LOW
ZXCM210LF
-55 to 125°C
SOT23
HIGH
x=Insert appropriate threshold voltage code.
ZXCM209 Threshold voltage codes
PART MARK
THRESHOLD
CODE
RESET
THRESHOLD (V)
M22
L
4.63
M23
M
4.38
M24
J
4.00
M25
T
3.08
M26
S
2.93
M27
R
2.63
ZXCM210 Threshold voltage codes
PART MARK
THRESHOLD
CODE
RESET
THRESHOLD (V)
M28
L
4.63
The only Reset High variant currently available is the ZXCM210LF. Contact your local Zetex Office for more
details.
7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com