Electronic Components Datasheet Search
  English  ▼

X  

ZXCM209 Datasheet(PDF) 6 Page - Zetex Semiconductors

Part # ZXCM209
Description  VERY LOW POWER MICROPROCESSOR RESET DEVICES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXCM209 Datasheet(HTML) 6 Page - Zetex Semiconductors

  ZXCM209 Datasheet HTML 1Page - Zetex Semiconductors ZXCM209 Datasheet HTML 2Page - Zetex Semiconductors ZXCM209 Datasheet HTML 3Page - Zetex Semiconductors ZXCM209 Datasheet HTML 4Page - Zetex Semiconductors ZXCM209 Datasheet HTML 5Page - Zetex Semiconductors ZXCM209 Datasheet HTML 6Page - Zetex Semiconductors ZXCM209 Datasheet HTML 7Page - Zetex Semiconductors ZXCM209 Datasheet HTML 8Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ZXCM209
ZXCM210
ISSUE 3 - FEBUARY 2001
v
cc
ZXCM
Reset
Output
Gnd
v
cc
Micro
Reset
Input
Gnd
v
cc
4.7k
Ω
to other
circuits
Interfacing to µP’s with bidirectional reset I/O
The ZXCM series can be used with microprocessors
havng bidirectional reset pins, such as Motorola 68HC11
series. The addition of a 4.7k resistor between the ZXCM
reset output and the processor input ensures correct
operation of the reset circuit. A buffer to other circuit
components is then required to enable the processor
reset drive to operate correctly. The circuit
configuration is shown in Figure 2.
PIN DESCRIPTION
Pin
Number
Pin Name
Pin Function
1VCC
Supply voltage (+5, +3.3, +3 volts)
2
RESET
(ZXCM209)
RESET
(ZXCM210)
Output remains low while Vcc is below the reset threshold, and for a
minimum 140ms after VCC rises above the reset threshold.
Output remains high while VCC is below the reset threshold, and for a
minimum 140ms after VCC rises above the reset threshold.
3
Gnd
Ground
1
2
3
Figure 2
Interfacing to µP’s with bidirectional reset I/O.
6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com