| Electronic Components Datasheet Search |
|
MAX2832 Datasheet(PDF) 13 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX2832 Datasheet(HTML) 13 Page - Maxim Integrated Products |
|
13 / 34 page ![]() 2.4GHz to 2.5GHz 802.11g/b RF Transceivers with Integrated PA ______________________________________________________________________________________ 13 Rx BB VGA SETTLING RESPONSE (-8 GAIN STEP) 3V 0V MAX2831/32 toc19 500mV -500mV 0V 40ns/div Rx BB VGA SETTLING RESPONSE (-16 GAIN STEP) MAX2831/32 toc20 500mV -500mV 3V 0V 0V 40ns/div Rx BB VGA SETTLING RESPONSE (-32 GAIN STEP) MAX2831/32 toc21 500mV -500mV 3V 0V 0V 40ns/div RF LNA SETTLING RESPONSE (HIGH TO MEDIUM) MAX2831/32 toc22 500mV -500mV 3V 0V 0V 100ns/div RF LNA SETTLING RESPONSE (HIGH TO LOW) MAX2831/32 toc23 500mV -500mV 3V 0V 0V 100ns/div Rx BB FREQUENCY RESPONSE vs. FINE SETTING (COARSE SETTING = 8.5MHz) FREQUENCY (MHz) -100 -80 -60 -40 -20 0 20 110 100 Rx BB FREQUENCY RESPONSE vs. COARSE SETTING (FINE SETTING = 010) FREQUENCY (MHz) -120 -100 -80 -60 -40 -20 0 20 1 10 100 RX BASEBAND FILTER GROUP DELAY MAX2831/32 toc26 FREQUENCY (MHz) 12 1 0 26 13 52 39 65 78 HISTOGRAM: Rx STATIC DC OFFSET 1 σ/div MEAN: 0mV STD: 0.977mV SAMPLE SIZE: 1006 Typical Operating Characteristics (continued) (MAX2831 EV kit, VCC_ = 2.8V, VCCPA = VCCTXPA = 3.3V, TA = +25°C, fLO = 2.437GHz, fREF = 40MHz, SHDN = CS = high, RXHP = SCLK = DIN = low.) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |