Electronic Components Datasheet Search
  English  ▼

X  

MAX2832 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX2832
Description  2.4GHz to 2.5GHz 802.11g/b RF Transceivers with Integrated PA
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2832 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX2832 Datasheet HTML 17Page - Maxim Integrated Products MAX2832 Datasheet HTML 18Page - Maxim Integrated Products MAX2832 Datasheet HTML 19Page - Maxim Integrated Products MAX2832 Datasheet HTML 20Page - Maxim Integrated Products MAX2832 Datasheet HTML 21Page - Maxim Integrated Products MAX2832 Datasheet HTML 22Page - Maxim Integrated Products MAX2832 Datasheet HTML 23Page - Maxim Integrated Products MAX2832 Datasheet HTML 24Page - Maxim Integrated Products MAX2832 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
2.4GHz to 2.5GHz 802.11g/b
RF Transceivers with Integrated PA
______________________________________________________________________________________
21
Detailed Description
The MAX2831/MAX2832 single-chip, low-power, direct
conversion, zero-IF transceivers are designed to support
802.11g/b applications operating in the 2.4GHz to
2.5GHz band. The fully integrated transceivers include a
receive path, transmit path, voltage-controlled oscillator
(VCO), sigma-delta fractional-N synthesizer, crystal oscil-
lator, RSSI, PA power detector (MAX2831), temperature
sensor, Rx and Tx I/Q error-detection circuitry, baseband-
control interface and linear power amplifier (MAX2831).
The only additional components required to implement a
complete radio front-end solution are a crystal, a pair of
baluns, a BPF, a switch, and a small number of passive
components (RCs, no inductors required).
Receiver
The fully integrated receiver achieves a noise figure of
2.6dB in high-gain mode, and an input compression point
of -6dBm in low-gain mode, while consuming only 62mA
of supply current. The receiver integrates an LNA and
VGA with a 95dB digitally programmable gain control
range, direct-conversion downconverters, I/Q baseband
lowpass filters with programmable LPF corner frequen-
cies, analog RSSI and integrated DC-offset correction cir-
cuitry. A logic-low on the RXTX input (pin 48) and a
logic-high on the SHDN input (pin 12) enable the receiver.
LNA Input Matching
The LNA features a differential input that is internally
AC-coupled and internally matched to 100
Ω. Connect a
2:1 balun transformer directly to the RXRF+ (pin 4) and
RXRF- (pin 5) ports to convert the differential 100
Ω
input impedance to a single-ended 50
Ω input. Provide
electrically symmetrical input traces from the LNA input
to the balun to maintain IP2 performance and RF com-
mon-mode noise rejection.
LNA Gain Control
The LNA has three gain modes: max gain, max gain -
16dB, and max gain - 33dB. The three LNA gain modes
can be serially programmed through the SPI™ interface
by programming bits D6:D5 in Register 11 (A3:A0 =
1011) or programmed in parallel through the digital
logic gain-control pins, B7 (pin 6) and B6 (pin 3). Set
bit D12 = 1 in Register 8 (A3:A0 = 1000) to enable pro-
gramming through the SPI interface, or set bit D12 = 0
to enable parallel programming. See Table 1 for LNA
gain-control settings.
Pin Description (continued)
PIN
NAME
FUNCTION
35
RXBBQ-
36
RXBBQ+
Receiver Baseband Q-Channel Differential Outputs. In TX calibration mode, these pins are the LO
leakage and sideband detector outputs.
37
RXBBI-
38
RXBBI+
Receiver Baseband I-Channel Differential Outputs. In TX calibration mode, these pins are the LO
leakage and sideband detector outputs.
39
VCCRXVGA
Receiver VGA Supply Voltage
40
RXHP
Receiver Baseband AC-Coupling High-Pass Corner Frequency Control Logic Input
41
VCCRXFL
Receiver Baseband Filter Supply Voltage
42
TXBBQ-
43
TXBBQ+
Transmitter Baseband I-Channel Differential Inputs
44
TXBBI-
45
TXBBI+
Transmitter Baseband Q-Channel Differential Inputs
46
VCCRXMX
Receiver Downconverters Supply Voltage
47
GNDTEST
Connect to Ground
48
RXTX
RX/TX Mode Control Logic Input. See Table 31 for operating modes.
EP
Exposed Paddle. Connect to the ground plane with multiple vias for proper operation and heat
Table 1. LNA Gain-Control Settings (Pins
B7:B6 or Register A3:A0 = 1011, D6:D5)
B7 OR D6
B6 OR D5
NAME
DESCRIPTION
1
1
High
Max gain
1
0
Medium
Max gain - 16dB (typ)
0
X
Low
Max gain - 33dB (typ)
SPI is a trademark of Motorola, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com